Electronic Components Datasheet Search
  English  ▼

X  

V61558P Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # V61558P
Description  Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V61558P Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  V61558P Datasheet HTML 1Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 2Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 3Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 4Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 5Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 6Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 7Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 8Page - EM Microelectronic - MARIN SA V61558P Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
V6155
3
ISS Standby versus Temperature at VDD = 5.5 V
Timing Characteristics
V
DD = 5.0 V ± 3%, C = 100 nF, TA = −40 to +85 °C, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Propagation delays:
to Output Pins
V
IN sensitivity
Logic Transition Times on all Output Pins
Power-on Reset delay
Watchdog Time
Open Window Percentage
Closed Window Time
Open Window Time
Watchdog Reset Pulse
T
CL Input Pulse Width
Reset Pulse when switched to R internal
Watchdog Reset Pulse with R internal (R
I)
T
DIDO
T
SEN
T
TR
T
POR
T
WD
OWP
T
CW
T
CW
T
OW
T
OW
T
WDR
T
WDR
T
TCL
T
RI
T
RIR
Load 10 k
Ω, 50 pF
R
EXT = 110 kΩ, ±1%
R
EXT = 110 kΩ, ±1%
R
EXT = 110 kΩ, ±1%
R
EXT = 110 kΩ, ±1%
R
EXT = 110 kΩ, ±1%
1
90
90
72
36
150
0.3
250
5
30
100
100
±0.2 T
WD
0.8 T
WD
80
0.4 T
WD
40
T
WD / 40
2.5
0.9
T
RI/320
500
20
100
110
110
88
44
2.3
ns
µs
ns
ms
ms
ms
ms
ms
ns
s
s
Table 4
TRI versus Temperature at VDD = 5 V
TCL
32
34
28
30
−40
+25
T
A [°C]
Fig. 3
36
38
40
+85
+125
−40
+25
T
A [°C]
Fig. 4
2.5
+85
+125
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com