Electronic Components Datasheet Search
  English  ▼

X  

BA315 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BA315
Description  Low-voltage stabistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA315 Datasheet(HTML) 4 Page - NXP Semiconductors

  BA315 Datasheet HTML 1Page - NXP Semiconductors BA315 Datasheet HTML 2Page - NXP Semiconductors BA315 Datasheet HTML 3Page - NXP Semiconductors BA315 Datasheet HTML 4Page - NXP Semiconductors BA315 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1996 Mar 21
4
Philips Semiconductors
Product specification
Low-voltage stabistor
BA315
GRAPHICAL DATA
Fig.2
Forward current as a function of
forward voltage.
handbook, halfpage
1.2
VF (V)
0.2
102
MBG520
10
IF
(mA)
1
10−1
0.4
0.6
0.8
1.0
(2)
(1)
Tj =25 °C.
(1) Minimum values.
(2) Maximum values.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com