Electronic Components Datasheet Search
  English  ▼

X  

TLC5924 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5924
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5924 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC5924 Datasheet HTML 13Page - Texas Instruments TLC5924 Datasheet HTML 14Page - Texas Instruments TLC5924 Datasheet HTML 15Page - Texas Instruments TLC5924 Datasheet HTML 16Page - Texas Instruments TLC5924 Datasheet HTML 17Page - Texas Instruments TLC5924 Datasheet HTML 18Page - Texas Instruments TLC5924 Datasheet HTML 19Page - Texas Instruments TLC5924 Datasheet HTML 20Page - Texas Instruments TLC5924 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0
0.50
1
1.50
2
2.50
3
V − RequiredOutputV
O
oltage − V
IMAX =60mA
IMAX =40mA
IMAX =20mA
827
100
1 k
10 k
100 k
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
49.6 k
9.92 k
4.96 k
2.48 k
1.65 k
1.24 k
709
IOLC − Output Current − A
VOutn = 1 V
DC = 127
992
3k
2k
1k
0
−40
−20
0
20
40
4k
5k
6k
60
80
100
TA − Free-AirTemperature −°C
TLC5924DAP
PowerPADSoldered
TLC5924RHB
TLC5924DAP
PowerPADUnsoldered
0
10
20
30
40
50
60
70
−50 −30 −10 10
30
50
70
90
110 130 150
TA − Free-Air Temperature − °C
Power Rating – Free-Air Temperature
TLC5924
SLVS626 – JUNE 2006
REFERENCE RESISTOR
OUTPUT CURRENT
vs
vs
OUTPUT CURRENT
REQUIRED OUTPUTn VOLTAGE
Figure 17.
Figure 18.
POWER DISSIPATION
SUPPLY CURRENT(A)
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 19.
A.
Data Transfer = 30 MHz / All Outputs,
ON/VO = 1 V / RIREF = 600 Ω / AVDD = 5 V
Figure 20.
Figure 19 shows total power dissipation. Figure 20 shows supply current versus free-air temperature.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com