Electronic Components Datasheet Search
  English  ▼

X  

TLC5924 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5924
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5924 Datasheet(HTML) 3 Page - Texas Instruments

  TLC5924 Datasheet HTML 1Page - Texas Instruments TLC5924 Datasheet HTML 2Page - Texas Instruments TLC5924 Datasheet HTML 3Page - Texas Instruments TLC5924 Datasheet HTML 4Page - Texas Instruments TLC5924 Datasheet HTML 5Page - Texas Instruments TLC5924 Datasheet HTML 6Page - Texas Instruments TLC5924 Datasheet HTML 7Page - Texas Instruments TLC5924 Datasheet HTML 8Page - Texas Instruments TLC5924 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS—AC Characteristics
ELECTRICAL CHARACTERISTICS
TLC5924
SLVS626 – JUNE 2006
V
CC = 3 V to 5.5 V, TA = -40°C to 85°C (unless otherwise noted)
MIN
TYP
MAX
UNIT
fSCLK
Clock frequency
SCLK
30
MHz
twh0, twl0 CLK pulse duration
SCLK=H/L
16
ns
twh1
XLAT pulse duration
XLAT=H
20
ns
tsu0
SIN to SCLK
↑(1)
10
tsu1
SLCK
↑ to XLAT↓(dot correction data)
10
tsu1a
Setup time
SCLK
↑to XLAT↑ (ON/OFF data)
10
ns
tsu2
MODE
↑↓ to SCLK↑
10
tsu3
MODE
↑↓ to XLAT↑
10
th0
SCLK
↑ to SIN
10
th1
XLAT
↓ to SCLK↑ (dot correction data)
10
th1a
Hold time
XLAT
↑ to SCLK↑ (ON/OFF data)
10
ns
th2
SCLK
↑to MODE↑↓
10
th3
XLAT
↓ to MODE↑↓
10
(1)
"
↑" and "↓" indicates a rising edge, and a falling edge respectively.
V
CC = 3 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA, SOUT
VCC– 0.5
V
VOL
Low-level output voltage
IOL = 1 mA, SOUT
0.5
V
II
Input current
VI = VCC or GND, BLANK, XLAT, SCLK, SIN, MODE
–1
1
µA
No data transfer, All output OFF, VO = 1 V, R(IREF) = 10
6
k
Ω
No data transfer, All output OFF, VO = 1 V, R(IREF) = 1.3
15
k
Ω
ICC
Supply current
mA
Data transfer 30 MHz, All output ON, VO = 1 V,
32
R(IREF) = 1.3 kΩ
Data transfer 30 MHz, All output ON, VO = 1 V,
36
65(1)
R(IREF) = 600 Ω
IOLC
Constant sink current
All output ON, VO = 1 V, R(IREF) = 600 Ω
70
80
90
mA
All output OFF, VO = 15 V, R(IREF) = 600 Ω, OUT0 to
ILO0
0.1
µA
OUT15
Leakage output current
ILO1
VXERR = 5.5 V, No TEF and LOD
10
µA
∆I
OLC0
Constant sink current error
All output ON, VO = 1 V, R(IREF) = 600 Ω, OUT0 to OUT15
±1%
± 4%
device to device, averaged current from OUT0 to OUT15,
∆I
OLC1
Constant sink current error
±4%
±8.5%
R(IREF) = 600 Ω
All output ON, VO = 1 V, R(IREF) = 600 Ω,
∆I
OLC2
Line regulation
±1
±4
%/V
OUT0 to OUT15, VCC = 3 V to 5.5 V
All output ON, VO = 1 V to 3 V, R(IREF) = 600 Ω,
∆I
OLC3
Load regulation
±2
±6
%/V
OUT0 to OUT15
R(ON)
Pre-charge FET on-resistance
VUP = 3 V, VO = 0 V, OUT0 to OUT15
10
K
Ω
T(TEF)
Thermal error flag threshold
Junction temperature, rising temperature(2)
150
160
180
°C
V(LOD)
LED open detection threshold
0.3
0.4
V
V(IREF) Reference voltage output
R(IREF) = 600 Ω
1.20
1.24
1.28
V
(1)
Measured at device start-up temperature. Once the IC is operating (self heating), lower ICC values will be seen. See Figure 20.
(2)
Not tested. Specified by design.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com