Electronic Components Datasheet Search
  English  ▼

X  

ADIS16003CCCZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16003CCCZ Datasheet HTML 7Page - Analog Devices ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices ADIS16003CCCZ Datasheet HTML 10Page - Analog Devices ADIS16003CCCZ Datasheet HTML 11Page - Analog Devices ADIS16003CCCZ Datasheet HTML 12Page - Analog Devices ADIS16003CCCZ Datasheet HTML 13Page - Analog Devices ADIS16003CCCZ Datasheet HTML 14Page - Analog Devices ADIS16003CCCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADIS16003
Rev. 0 | Page 11 of 16
THEORY OF OPERATION
ACCELEROMETER SERIAL INTERFACE
12
4
10
11
6
5
8
9
7
3
2
1
8
9
7
3
2
1
12
4
10
11
6
5
Top View
Not to Scale
DIGITAL OUTPUT (IN LSBs)
X-AXIS: 1229
Y-AXIS: 2048
DIGITAL OUTPUT (IN LSBs)
X-AXIS: 2867
Y-AXIS: 2048
DIGITAL OUTPUT (IN LSBs)
X-AXIS: 2048
Y-AXIS: 2867
DIGITAL OUTPUT (IN LSBs)
X-AXIS: 2048
Y-AXIS: 1229
DIGITAL OUTPUT (IN LSBs)
X-AXIS: 2048
Y-AXIS: 2048
Figure 3 shows the detailed timing diagram for serial inter-
facing to the accelerometer in the ADIS16003. The serial clock
provides the conversion clock. CS initiates the data transfer and
conversion process and frames the serial data transfer for the
accelerometer output. The accelerometer output is sampled on
the second rising edge of the SCLK input after the falling edge
of the CS. The conversion requires 16 SCLK cycles to complete.
The rising edge of
Figure 23. Output Response vs. Orientation
The ADIS16003 is a low cost, low power, complete dual-axis
accelerometer with an integrated serial peripheral interface
(SPI) and an integrated temperature sensor whose output is also
available on the SPI interface. The ADIS16003 is capable of
measuring acceleration with a full-scale range of ±1.7 g
(minimum). It can also measure both dynamic acceleration
(vibration) and static acceleration (gravity).
SELF-TEST
The ST pin controls the self-test feature. When this pin is set to
VCC, an electrostatic force is exerted on the beam of the acceler-
ometer. The resulting movement of the beam allows the user to
test if the accelerometer is functional. The typical change in
output is 750 mg (corresponding to 614 LSB) for VCC = 5.0 V.
This pin may be left open-circuit or connected to common in
normal use. The ST pin should never be exposed to voltage
greater than VCC + 0.3 V. If the system design is such that this
condition cannot be guaranteed (for example, multiple supply
voltages present), a low VF clamping diode between ST and VCC
is recommended.
SERIAL INTERFACE
The serial interface on the ADIS16003 consists of five wires, CS,
TCS, SCLK, DIN, and DOUT, with the temperature sensor’s
serial interface in parallel with the accelerometer’s serial
interface. The CS and TCS are used to select the accelerometer
or temperature sensor outputs, respectively. CS and TCS cannot
be active at the same time.
The SCLK input accesses data from the internal data registers.
CS
CS
puts the bus back into three-state. If
remains low, the next digital conversion is initiated. The details
for the control register bit functions are shown in Table 6.
Accelerometer Control Register
MSB
LSB
DONTC
ZERO
ZERO
ZERO
ADD0
ONE
ZERO
PM0
Table 6. Accelerometer Control Register Bit Functions
Bit
Mnemonic
Comments
7
DONTC
Don’t care. Can be one or zero.
ZERO
These bits should be held low.
6, 5,
4
3
ADD0
This address bit selects the x-axis or y-axis
outputs. Zero selects the x-axis; one selects
the y-axis.
2
ONE
This bit should be held high.
1
ZERO
This bit should be held low.
0
PM0
This bit selects the operation mode for the
accelerometer; set to zero for normal
operation and one for power down mode.
Power Down
By setting PM0 to one when updating the accelerometer control
register, the ADIS16003 goes into a shutdown mode. The
information stored in the control register is maintained during
shutdown. The ADIS16003 changes modes as soon as the
control register is updated. If the part is in shutdown mode and
PM0 is changed to zero, then the part powers up on the
sixteenth SCLK rising edge.
ADD0
By setting ADD0 to zero when updating the accelerometer
control register, the x-axis output is selected. By setting ADD0
to one, the y-axis output is selected.
ZERO
ZERO is defined as the logic low level.
ONE
ONE is defined as the logic high level.
DONTC
DONTC is defined as don’t care; can be a low or high logic level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com