Electronic Components Datasheet Search
  English  ▼

X  

ADIS16003CCCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16003CCCZ
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003CCCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16003CCCZ Datasheet HTML 8Page - Analog Devices ADIS16003CCCZ Datasheet HTML 9Page - Analog Devices ADIS16003CCCZ Datasheet HTML 10Page - Analog Devices ADIS16003CCCZ Datasheet HTML 11Page - Analog Devices ADIS16003CCCZ Datasheet HTML 12Page - Analog Devices ADIS16003CCCZ Datasheet HTML 13Page - Analog Devices ADIS16003CCCZ Datasheet HTML 14Page - Analog Devices ADIS16003CCCZ Datasheet HTML 15Page - Analog Devices ADIS16003CCCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADIS16003
Rev. 0 | Page 14 of 16
APPLICATIONS
DUAL-AXIS TILT SENSOR
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
One of the most popular applications of the ADIS16003 is tilt
measurement. An accelerometer uses the force of gravity as an
input vector to determine the orientation of an object in space.
An accelerometer is most sensitive to tilt when its sensitive axis
is perpendicular to the force of gravity, that is, parallel to the
earth’s surface. At this orientation, its sensitivity to changes in
tilt is highest. When the accelerometer is oriented on axis to
gravity, near its +1 g or –1 g reading, the change in output
acceleration per degree of tilt is negligible. When the acceler-
ometer is perpendicular to gravity, its output changes nearly
17.5 mg per degree of tilt. At 45°, its output changes at only
12.2 mg per degree, and resolution declines.
Figure 24. Acceptable Solder Reflow Profiles
Table 11.
Converting Acceleration to Tilt
Condition
When the accelerometer is oriented so both its x-axis and y-axis
are parallel to the earth’s surface, it can be used as a 2-axis tilt
sensor with a roll axis and a pitch axis. Once the output signal
from the accelerometer has been converted to an acceleration
that varies between –1 g and +1 g, the output tilt in degrees is
calculated as follows:
PITCH = Asin(AX/1 g)
ROLL = Asin(AY/1 g)
Be sure to account for overranges. It is possible for the
accelerometers to output a signal greater than ±1 g due to
vibration, shock, or other accelerations.
SECOND-LEVEL ASSEMBLY
The ADIS16003 may be attached to the second-level assembly
board using SN63 (or equivalent) or lead-free solder. Figure 24
and Table 11 provide acceptable solder reflow profiles for each
solder type. Note: These profiles may not be the optimum
profile for the user’s application. In no case should 260°C be
exceeded. It is recommended that the user develop a reflow
profile based upon the specific application. In general, keep in
mind that the lowest peak temperature and shortest dwell time
above the melt temperature of the solder results in less shock
and stress to the product. In addition, evaluating the cooling
rate and peak temperature can result in a more reliable
assembly.
Profile Feature
Sn63/Pb37
Pb-free
Average Ramp Rate (TL to TP)
3°C/sec max
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX) (ts)
60 sec to
120 sec
60 sec to
150 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
3°C/sec
Time Maintained Above
Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to
150 sec
60 sec to
150 sec
Peak Temperature (T )
240°C +
0°C/–5°C
260°C +
0°C/–5°C
P
10 sec to
30 sec
20 sec to
40 sec
Time Within 5°C of Actual Peak
Temperature (tp)
Ramp-Down Rate
6°C/sec max
6°C/sec max
Time 25°C to Peak Temperature
6 min max
8 min max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com