Electronic Components Datasheet Search
  English  ▼

X  

ADIS16003PCB Datasheet(PDF) 7 Page - Analog Devices

Part # ADIS16003PCB
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button ADIS16003PCB Datasheet HTML 3Page - Analog Devices ADIS16003PCB Datasheet HTML 4Page - Analog Devices ADIS16003PCB Datasheet HTML 5Page - Analog Devices ADIS16003PCB Datasheet HTML 6Page - Analog Devices ADIS16003PCB Datasheet HTML 7Page - Analog Devices ADIS16003PCB Datasheet HTML 8Page - Analog Devices ADIS16003PCB Datasheet HTML 9Page - Analog Devices ADIS16003PCB Datasheet HTML 10Page - Analog Devices ADIS16003PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADIS16003
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADIS16003
TOP VIEW
(Not to Scale)
NC = NO CONNECT
XFILT
YFILT
NC
9
8
2
7
1
3
6
5
4
10
12
11
TCS
DOUT
DIN
Figure 6. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
TCS
Temperature Chip Select. Active low logic input. This input frames the serial data transfer for the temperature
sensor output.
2
DOUT
Data Out, Logic Output. The conversion of the ADIS16003 is provided on this output as a serial data stream.
The bits are clocked out on the falling edge of the SCLK input.
3
DIN
Data In, Logic Input. Data to be written into the ADIS16003’s control register is provided on this input and
is clocked into the register on the rising edge of SCLK.
4
COM
Common. Reference point for all circuitry on the ADIS16003.
5, 7
NC
No Connect.
6
ST
Self-Test Input. Active high logic input. Simulates a nominal 0.75 g test input for diagnostic purpose.
8
YFILT
Y Channel Filter Node. Used in conjunction with an optional external capacitor to band-limit the ac signal
from the accelerometer.
9
XFILT
X Channel Filter Node. Used in conjunction with an optional external capacitor to band-limit the ac signal
from the accelerometer.
10
CS
Chip Select. Active low logic input. This input provides the dual function of initiating the accelerometer
conversions on the ADIS16003 and frames the serial data transfer for the accelerometer output.
11
VCC
Power Supply Input. The V range for the ADIS16003 is from 3.0 V to 5.25 V.
CC
12
SCLK
Serial Clock, Logic Input. SCLK provides the serial clock for accessing data from the part and writing serial data
to the control register. This clock input is also used as the clock source for the ADIS16003’s conversion process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com