Electronic Components Datasheet Search
  English  ▼

X  

ADIS16003PCB Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16003PCB
Description  Dual-Axis 짹1.7 g Accelerometer with SPI Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16003PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16003PCB Datasheet HTML 8Page - Analog Devices ADIS16003PCB Datasheet HTML 9Page - Analog Devices ADIS16003PCB Datasheet HTML 10Page - Analog Devices ADIS16003PCB Datasheet HTML 11Page - Analog Devices ADIS16003PCB Datasheet HTML 12Page - Analog Devices ADIS16003PCB Datasheet HTML 13Page - Analog Devices ADIS16003PCB Datasheet HTML 14Page - Analog Devices ADIS16003PCB Datasheet HTML 15Page - Analog Devices ADIS16003PCB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADIS16003
Rev. 0 | Page 13 of 16
POWER SUPPLY DECOUPLING
For most applications, a single 0.1 μF capacitor (CDC) adequately
decouples the accelerometer from noise on the power supply.
However, in some cases, particularly where noise is present at
the 140 kHz internal clock frequency (or any harmonic
thereof), noise on the supply may cause interference on the
ADIS16003 output. If additional decoupling is needed, ferrite
beads may be inserted in the supply line of the ADIS16003.
Additionally, a larger bulk bypass capacitor (in the 1 μF to 22 μF
range) may be added in parallel to CDC.
SETTING THE BANDWIDTH USING CXFILT AND CYFILT
The ADIS16003 has provisions for band-limiting the acceler-
ometer. Capacitors can be added at the XFILT and YFILT pins
to implement further low-pass filtering for antialiasing and
noise reduction. The equation for the 3 dB bandwidth is
F−3dB = 1/(2π(32 kΩ) × (C(XFILT, YFILT) + 2200 pF))
or more simply,
F−3dB = 5 μF/(C(XFILT, YFILT) + 2200 pF)
The tolerance of the internal resistor (RFILT) can vary typically as
much as ±25% of its nominal value (32 kΩ); thus, the band-
width varies accordingly.
A minimum capacitance of 0 pF for CXFILT and CYFILT is
allowable.
Table 9. Filter Capacitor Selection, CXFILT and CYFILT
Bandwidth (Hz)
Capacitor (μF)
1
4.7
10
0.47
50
0.10
100
0.047
200
0.022
400
0.01
2250
0
SELECTING FILTER CHARACTERISTICS:
THE NOISE/BANDWIDTH TRADE-OFF
The accelerometer bandwidth selected ultimately determines
the measurement resolution (smallest detectable acceleration).
Filtering can be used to lower the noise floor, which improves
the resolution of the accelerometer. Resolution is dependent
on the analog filter bandwidth at XFILT and YFILT.
The ADIS16003 has a typical bandwidth of 2.25 kHz with no
external filtering. The analog bandwidth may be further
decreased to reduce noise and improve resolution.
The ADIS16003 noise has the characteristics of white Gaussian
noise, which contributes equally at all frequencies and is
described in terms of μg/√Hz (that is, the noise is proportional
to the square root of the accelerometer’s bandwidth). The user
should limit bandwidth to the lowest frequency needed by the
application in order to maximize the resolution and dynamic
range of the accelerometer.
With the single pole roll-off characteristic, the typical noise of
the ADIS16003 is determined by
rmsNoise = (110 μg/√Hz) x (√(BW x 1.6))
At 100 Hz, the noise is
rmsNoise = (110 μg/√Hz) x (√(100 x 1.6)) =1.4 mg
Often, the peak value of the noise is desired. Peak-to-peak noise
can only be estimated by statistical methods. Table 10 is useful
for estimating the probabilities of exceeding various peak
values, given the rms value.
Table 10. Estimation of Peak-to-Peak Noise
Peak-to-Peak
Value
Percentage of Time that Noise Exceeds
Nominal Peak-to-Peak Value
2 × rms
32%
4 × rms
4.6%
6 × rms
0.27%
8 × rms
0.006%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com