Electronic Components Datasheet Search
  English  ▼

X  

DA9232 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # DA9232
Description  High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9232 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button DA9232 Datasheet HTML 18Page - Renesas Technology Corp DA9232 Datasheet HTML 19Page - Renesas Technology Corp DA9232 Datasheet HTML 20Page - Renesas Technology Corp DA9232 Datasheet HTML 21Page - Renesas Technology Corp DA9232 Datasheet HTML 22Page - Renesas Technology Corp DA9232 Datasheet HTML 23Page - Renesas Technology Corp DA9232 Datasheet HTML 24Page - Renesas Technology Corp DA9232 Datasheet HTML 25Page - Renesas Technology Corp DA9232 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
DA9232
High Efficiency, Ultra-Low Quiescent Current and Ultra-
Low Output Ripple Buck Regulator
NDA Confidential
Datasheet
CFR0011-120-00 Rev 5
22 of 50
9.7
Typical Mode Operation
Figure 204: Buck VIN = 3.6 V, Buck VOUT = 1.8 V,
Buck ILOAD = 1 mA
Figure 215: Buck VIN = 3.6 V, Buck VOUT = 1.8 V,
Buck ILOAD = 60 mA
Figure 226: Buck VIN = 3.6 V, Buck VOUT = 0.7 V,
Buck ILOAD = 1 mA
Figure 237: Buck VIN = 3.6 V, Buck VOUT = 0.7 V,
Buck ILOAD = 60 mA
Buck Vout
20mV/div
SW
2V/div
5µs/div
Buck Vout
20mV/div
SW
2V/div
500ns/div
Buck Vout
20mV/div
SW
2V/div
500ns/div
Buck Vout
20mV/div
SW
2V/div
100µs/div
Revision 2.
4
2
8-Feb-2022
© 20
22 Renesas Electronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com