Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 37Page - Renesas Technology Corp DA9313 Datasheet HTML 38Page - Renesas Technology Corp DA9313 Datasheet HTML 39Page - Renesas Technology Corp DA9313 Datasheet HTML 40Page - Renesas Technology Corp DA9313 Datasheet HTML 41Page - Renesas Technology Corp DA9313 Datasheet HTML 42Page - Renesas Technology Corp DA9313 Datasheet HTML 43Page - Renesas Technology Corp DA9313 Datasheet HTML 44Page - Renesas Technology Corp DA9313 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
41 of 57
© 2022 Renesas Electronics
Table 16: MODE_CTRL 0x02
Bit
Mode
Symbol
Description
Reset
7
R/W
-
Reserved
0x0
6
R/W
AUTOBOOT
0: The cold boot from OFF stops in
POWER_DOWN mode. An nONKEY press is
needed to move to ACTIVE
1: The cold boot from OFF ends in ACTIVE
0x1
5
R/W
RESET_CYCLE
0: A power cycle initiated by SOFTRESET stops in
POWER_DOWN mode. An nONKEY press is
needed to move to ACTIVE
1: A power cycle initiated by SOFTRESET ends in
ACTIVE
0x1
4
R/W
nONKEY_CYCLE
0: A power cycle initiated by long nONKEY press
stops in POWER_DOWN mode. An nONKEY press
is needed to move to ACTIVE
1: A power cycle initiated by long nONKEY press
ends in ACTIVE
0x1
3
R/W
MSTSLV_IF_EN
0: Standalone; GPIO_0 as per GPIO_0_PIN
configuration
1: GPIO_0 is dedicated master/slave interface;
GPIO_0_PIN has no effect ( Pad Deglitch settings
as per GPIO_0_DEGLITCH )
GPI0_0 == MstSlv_IF INPUT // Slave Chip else
GPI0_0 == MstSlv_IF OUTPUT // Master chip or
standalone
0x0
2
R/W
NONKEY_MODE
0: nONKEY button MODE (pin operates as edge
sensitive, active low, user button )
1: nONKEY IC_EN MODE (operates as level driven
IC enable, where nONKEY = VCORE puts chip in
ACTIVE state, nONKEY = 0 V puts chip into
POWER_DOWN state.
0x0
1
R/W
SOFTRESET
When asserted, triggers a power cycle and a reset
of all internal registers, followed by an OTP read
0x0
0
R/W
SLEEP
Target and status of SLEEP Mode
Controlled from OTP, I2C interface or from GPI if
configured via GPIO_X_PIN
0x0
Table 17: SLEEP_CTRL 0x03
Bit
Mode
Symbol
Description
Reset
7:4
R/W
-
Reserved
0x0
3
R/W
SL_nONKEY_CONT
Configuration of the exit from SLEEP Mode via
nONKEY press
0: nONKEY press does not cause DA9313 to exit
SLEEP Mode
1: nONKEY press causes DA9313 to exit SLEEP
Mode
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com