Electronic Components Datasheet Search
  English  ▼

X  

DA9313 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA9313
Description  High Efficiency Dual Cell Switched Capacitor Divider
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9313 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA9313 Datasheet HTML 19Page - Renesas Technology Corp DA9313 Datasheet HTML 20Page - Renesas Technology Corp DA9313 Datasheet HTML 21Page - Renesas Technology Corp DA9313 Datasheet HTML 22Page - Renesas Technology Corp DA9313 Datasheet HTML 23Page - Renesas Technology Corp DA9313 Datasheet HTML 24Page - Renesas Technology Corp DA9313 Datasheet HTML 25Page - Renesas Technology Corp DA9313 Datasheet HTML 26Page - Renesas Technology Corp DA9313 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
DA9313
High Efficiency Dual Cell Switched Capacitor Divider
Datasheet
Revision 3.5
23-Feb-2022
CFR0011-120-00
23 of 57
© 2022 Renesas Electronics
10 Functional Description
DA9313 is a 2S compliant high-voltage power converter that generates an unregulated 1S output
voltage (VOUT) of half of VIN using a capacitive interleaved charge-pump divider. VOUT is a 10 A peak
current output in standalone configuration and 20 A peak current when driven from two DA9313
chips paired in master/slave configuration.
Host communication is not required for operation with OTP loading to configure DA9313 on start-up.
However, an I2C interface is available for host configuration of the register map if required. In
addition, the GPIOs can be configured as nIRQ for fault signaling and recovery. An internal LDO can
be enabled to supply VDDIO if required.
10.1 Start Up
DA9313 is OTP configured as a standalone or master/slave variant. The OTP variants are described
in a separate document.
10.1.1
Standalone Operation
DA9313 starts as a standalone device as default, when master/slave operation is not enabled
(MSTSLV_IF_EN bit is set to 0).
On battery insertion the full OTP content is loaded to the register map. DA9313 self-checks that the
system is stable and then proceeds to ACTIVE Mode or POWER_DOWN Mode as configured by the
AUTOBOOT bit.
POWER_DOWN mode is an ultra-low power state of the system implemented to extend the shelf life
of applications with a battery connected during shipping and before first user boot. DA9313 can be
brought from POWER_DOWN mode to ACTIVE mode via a user press of the nONKEY pin (the user,
or external IC, activated power on/off button). Once in ACTIVE mode the system will perform as
configured in either automatic or fixed frequency mode, see section 10.3.3.
To ensure minimal quiescent current requirements the oscillator is enabled only on demand, see
section 11.8. If necessary, the system can safely transfer clocking from the internal oscillator to an
external clock (within the specified operating frequency, see Table 6) via GPIO configuration, see
section 10.2.1.4.
DA9313 responds to critical faults by power cycling the device to protect circuitry, see section 11.5.
10.1.2
Master/Slave Operation
DA9313 starts in master/slave mode when MSTSLV_IF_EN bit is set to 1. GPIO_0 operates as the
master/slave interface (MS_IF) and is pulled down internally. On the master device, GPIO_1 should
not be driven externally. To configure the device as slave, GPIO_1 should be tied to VCORE of the
slave device, see Figure 2. DA9313 will remain in this state unless a cold boot is performed by
removing the battery.
The master takes control over the slave in such a way that the slave always operates in
POWER_DOWN Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com