Electronic Components Datasheet Search
  English  ▼

X  

L6986I Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 1 Page - STMicroelectronics

  L6986I Datasheet HTML 1Page - STMicroelectronics L6986I Datasheet HTML 2Page - STMicroelectronics L6986I Datasheet HTML 3Page - STMicroelectronics L6986I Datasheet HTML 4Page - STMicroelectronics L6986I Datasheet HTML 5Page - STMicroelectronics L6986I Datasheet HTML 6Page - STMicroelectronics L6986I Datasheet HTML 7Page - STMicroelectronics L6986I Datasheet HTML 8Page - STMicroelectronics L6986I Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
HTSSOP16 (R = 40 °C/W)
TH
Features
•
Designed for iso-buck topology
•
4 V to 38 V operating input voltage
•
Primary output voltage regulation / no optocoupler required
•
1.9 A typical sink peak primary current capability
•
Peak current mode architecture in forced PWM operation
•
300 ns blanking time
•
8 µA IQ-SHTDWN
•
Adjustable fSW and synchronization
•
Embedded primary output voltage supervisor
•
Adjustable soft-start time
•
Internal primary current limiting
•
Overvoltage protection
•
RDS(on) HS = 180 mΩ, RDS(on) LS = 150 mΩ
•
Thermal shutdown
Applications
•
Isolated power supply for SiC MOSFET and IGBT drivers
•
Isolated power supply for isolated interfaces (RS232, I2C, SPI, etc.)
•
EV chargers
•
Motor drivers
•
Automation
•
UPS
•
Solar converters
•
Welding
Description
The L6986I is a device specifically designed for the isolated buck topology. Due to
the P-Channel MOSFET as high-side power switch the device features 100% duty
cycle operation. The primary output voltage can be accurately adjusted, whereas
the isolated secondary output is derived by using a given transformer ratio. No
optocoupler is required. The primary sink capability up to 1.9 A (even during soft-
start) allows a proper energy transfer to the secondary side as well as enables a
tracked soft-start of the secondary output. The control loop is based on a peak
current mode architecture and the device operates in forced PWM. The 300 ns
blanking time filters oscillations, generated by the transformer leakage inductance,
making the solution more robust. Pulse by pulse current sensing on both power
elements implements an effective constant current protection in the primary side.
Due to the primary reverse current limit, the secondary output is protected against
short circuit events. A primary output voltage supervisor, which notifies primary output
voltage regulation through the RST open collector output, overvoltage protection,
adjustable switching frequency, synchronization and a programmable soft-start are
also available.
Maturity status link
L6986I
38 V, 5 W synchronous iso-buck converter for isolated applications
L6986I
Datasheet
DS13647 - Rev 2 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L6986I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6986I STMICROELECTRONICS-L6986I Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
L6986ITR STMICROELECTRONICS-L6986ITR Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
More results

Similar Description - L6986I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
logo
ON Semiconductor
CS51312 ONSEMI-CS51312 Datasheet
552Kb / 22P
Synchronous CPU Buck Controller for 12 V Only Applications
July, 2006 ??Rev. 3
logo
Linear Technology
LTC3444 LINER-LTC3444_15 Datasheet
214Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
logo
ON Semiconductor
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
logo
STMicroelectronics
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
A6986I STMICROELECTRONICS-A6986I Datasheet
6Mb / 62P
Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 2
L6986I STMICROELECTRONICS-L6986I Datasheet
5Mb / 60P
38 V, 5 W synchronous iso-buck converter for isolated applications
Rev 1
STEVAL-A6986IV1 STMICROELECTRONICS-STEVAL-A6986IV1 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with dual isolated output based on the A6986I
08-Mar-2021
STEVAL-A6986IV2 STMICROELECTRONICS-STEVAL-A6986IV2 Datasheet
1Mb / 5P
38 V, 5 W synchronous iso-buck converter evaluation board with single isolated output based on the A6986I
08-Mar-2021
L6983I STMICROELECTRONICS-L6983I Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com