Electronic Components Datasheet Search
  English  ▼

X  

L6986I Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 6Page - STMicroelectronics L6986I Datasheet HTML 7Page - STMicroelectronics L6986I Datasheet HTML 8Page - STMicroelectronics L6986I Datasheet HTML 9Page - STMicroelectronics L6986I Datasheet HTML 10Page - STMicroelectronics L6986I Datasheet HTML 11Page - STMicroelectronics L6986I Datasheet HTML 12Page - STMicroelectronics L6986I Datasheet HTML 13Page - STMicroelectronics L6986I Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
4.1.2
Switchover feature
The switchover scheme of the pre-regulator block is used to derive the main contribution of the supply current for
the internal circuitry from an external voltage (3 V < VBIAS < 5.5 V is typically connected to the primary regulated
output voltage). This helps to decrease the equivalent quiescent current seen at VIN.
4.1.3
Voltage monitor
An internal block continuously senses the VCC, VBIAS and VBG (bandgap). If the monitored voltages are good, the
regulator starts operating. There is also a hysteresis on the VCC (UVLO).
4.1.4
Error amplifier
The voltage error amplifier is the core of the loop regulation of the primary output voltage. It is a transconductance
operational amplifier whose non inverting input is connected to the internal voltage reference (0.85 V), while the
inverting input (FB) is connected to the external divider or directly to the output voltage.
Table 8. Uncompensated error amplifier characteristics
Description
Value
Transconductance
155 µS
Low frequency gain
100 dB
The error amplifier output is compared with the inductor current sense information to perform PWM control.
Figure 6. Internal circuit
STARTER
IC BIAS
PREREGULATOR
BANDGAP
VREG
VREF
VCC
4.2
Transformer
The transformer is the key component for the iso-buck, ensuring the desired isolation as well as allowing the
energy transfer to the secondary side, hence generating the secondary isolated output voltage.
More details about the transformer selection are provided in the dedicated section (see Section 4.4 .)
4.3
Secondary side
The secondary side includes an LC filter (secondary winding of the transformer and secondary output capacitor)
and the rectifying element (Schottky diode).
L6986I
Transformer
DS13647 - Rev 2
page 10/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com