Electronic Components Datasheet Search
  English  ▼

X  

EL1519CS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL1519CS
Description  Medium Power Differential Line Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1519CS Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL1519CS Datasheet HTML 1Page - Renesas Technology Corp EL1519CS Datasheet HTML 2Page - Renesas Technology Corp EL1519CS Datasheet HTML 3Page - Renesas Technology Corp EL1519CS Datasheet HTML 4Page - Renesas Technology Corp EL1519CS Datasheet HTML 5Page - Renesas Technology Corp EL1519CS Datasheet HTML 6Page - Renesas Technology Corp EL1519CS Datasheet HTML 7Page - Renesas Technology Corp EL1519CS Datasheet HTML 8Page - Renesas Technology Corp EL1519CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EL1519
FN7017 Rev 2.00
Page 3 of 9
April 10, 2007
Typical Performance Curves
FIGURE 1. DIFFERENTIAL FREQUENCY RESPONSE vs RF
FIGURE 2. DIFFERENTIAL FREQUENCY RESPONSE vs RF
FIGURE 3. DIFFERENTIAL FREQUENCY RESPONSE vs CL
FIGURE 4. DIFFERENTIAL BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 5. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
FIGURE 6. DIFFERENTIAL PEAKING vs SUPPLY VOLTAGE
28
24
8
FREQUENCY (Hz)
100K
100M
1M
10M
16
20
12
AV=10
VS=±6V
RL=100
RF=1k
RF=500
RF=750
RF=1k
22
2
FREQUENCY (Hz)
6
18
10
14
100K
100M
1M
10M
AV=5
VS=±6V
RL=100
RF=1k
RF=500
RF=750
22
2
FREQUENCY (Hz)
6
18
10
14
100K
100M
1M
10M
CL=22pF
CL=10pF
CL=0pF
AV=5
VS=±6V
RL=100
RF=750
55
51
35
±VS (V)
43
2.5
5
6
34
5.5
3.5
4.5
47
39
AV=5
RF=750
RL=100
-45
-85
-55
-75
-65
VOP-P (V)
14.5
5.5
1.5
2.5
3.5
5
34
2
VS=±2.5V
AV=5
RF=750
RL=100
f=1MHz
HD3
HD2
4
1
-1
-2
±VS (V)
3
0
2.5
6
33.5
4.5
5.5
45
2
AV=5
RF=750
RL=100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com