Electronic Components Datasheet Search
  English  ▼

X  

EL1519CS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL1519CS
Description  Medium Power Differential Line Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1519CS Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL1519CS Datasheet HTML 1Page - Renesas Technology Corp EL1519CS Datasheet HTML 2Page - Renesas Technology Corp EL1519CS Datasheet HTML 3Page - Renesas Technology Corp EL1519CS Datasheet HTML 4Page - Renesas Technology Corp EL1519CS Datasheet HTML 5Page - Renesas Technology Corp EL1519CS Datasheet HTML 6Page - Renesas Technology Corp EL1519CS Datasheet HTML 7Page - Renesas Technology Corp EL1519CS Datasheet HTML 8Page - Renesas Technology Corp EL1519CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EL1519
FN7017 Rev 2.00
Page 4 of 9
April 10, 2007
FIGURE 7. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT VOLTAGE
FIGURE 8. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT VOLTAGE
FIGURE 9. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT VOLTAGE
FIGURE 10. CHANNEL ISOLATION vs FREQUENCY
FIGURE 11. VOLTAGE AND CURRENT NOISE vs FREQUENCY
FIGURE 12. POWER SUPPLY REJECTION vs FREQUENCY
Typical Performance Curves
-45
-90
-60
-80
-85
-70
-50
VOP-P (V)
111
19
35
9
15
7
-65
-75
-55
17
13
VS=±6V
AV=5
RF=750
RL=100
f=1MHz
HD3
HD2
-45
-50
-90
VOP-P (V)
-70
-80
-85
-60
-75
115
21
35
9
19
713
-65
-55
17
11
VS=±2.5V
VS=±6V
AV=5
RF=750
RL=100
f=150kHz
-45
-55
-80
VOP-P (V)
-75
115
19
37
11
17
913
-65
-50
-60
-70
5
VS=±2.5V
VS=±6V
AV=5V
RF=750
RL=100
f=1MHz
-10
-30
-50
-70
-90
-110
10K
100K
1M
FREQUENCY (Hz)
100M
10M
B
 A
A
 B
100
10
1
10
10M
FREQUENCY (Hz)
100M
100K
1M
10K
100
1K
IB-
IB+
EN
30
10
-10
-30
-50
-70
10K
FREQUENCY (Hz)
100M
100K
10M
1M
PSRR+
PSRR-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com