Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7942
Description  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7942 Datasheet HTML 9Page - Analog Devices AD7942 Datasheet HTML 10Page - Analog Devices AD7942 Datasheet HTML 11Page - Analog Devices AD7942 Datasheet HTML 12Page - Analog Devices AD7942 Datasheet HTML 13Page - Analog Devices AD7942 Datasheet HTML 14Page - Analog Devices AD7942 Datasheet HTML 15Page - Analog Devices AD7942 Datasheet HTML 16Page - Analog Devices AD7942 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary Technical Data
AD7693
Rev. PrB | Page 13 of 24
TYPICAL CONNECTION DIAGRAM
Transfer Functions
Figure 26 shows an example of the recommended connection
diagram for the AD7693 when multiple supplies are available.
The ideal transfer characteristic for the AD7693 is shown in
Figure 25 and Table 7.
100...000
100...001
100...010
011...101
011...110
011...111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
Figure 25. ADC Ideal Transfer Function
Table 7. Output Codes and Ideal Input Voltages
Analog Input
VREF = 5 V
Digital Output
Code (Hex)
Description
FSR − 1 LSB
+4.999847 V
0x7FFF1
Midscale + 1 LSB
+152.6 μV
0x0001
Midscale
0 V
0x0000
Midscale − 1 LSB
−152.6 μV
0xFFFF
−FSR + 1 LSB
−4.999847 V
0x8001
−FSR
−5 V
0x80002
1 This is also the code for an overranged analog input (VIN+ − VIN− above VREF − VGND).
2 This is also the code for an underranged analog input (VIN+ − VIN− below VGND).
AD7693
REF
GND
VDD
IN–
IN+
VIO
SDI
SCK
SDO
CNV
3- OR 4-WIRE INTERFACE5
100nF
100nF
5V
10µF2
V+
V+
V–
1.8V TO VDD
REF1
0 TO VREF
2.7nF
4
V+
V–
VREF TO 0
2.7nF
ADA4841-23
ADA4841-23
4
1 SEE REFERENCE SECTION FOR REFERENCE SELECTION.
2 CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3 SEE TABLE 8 FOR ADDITIONAL RECOMMENDED AMPLIFIERS.
4 OPTIONAL FILTER. SEE ANALOG INPUT SECTION.
5 SEE THE DIGITAL INTERFACE SECTION FOR MOST CONVENIENT INTERFACE MODE.
15
Ω
15
Ω
Figure 26. Typical Application Diagram with Multiple Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com