Electronic Components Datasheet Search
  English  ▼

X  

AD7942 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7942
Description  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7942 Datasheet(HTML) 3 Page - Analog Devices

  AD7942 Datasheet HTML 1Page - Analog Devices AD7942 Datasheet HTML 2Page - Analog Devices AD7942 Datasheet HTML 3Page - Analog Devices AD7942 Datasheet HTML 4Page - Analog Devices AD7942 Datasheet HTML 5Page - Analog Devices AD7942 Datasheet HTML 6Page - Analog Devices AD7942 Datasheet HTML 7Page - Analog Devices AD7942 Datasheet HTML 8Page - Analog Devices AD7942 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Preliminary Technical Data
AD7693
Rev. PrB | Page 3 of 24
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VIO = 2.3 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
18
Bits
ANALOG INPUT
Voltage Range
IN+ − (IN−)
−VREF
+VREF
V
Absolute Input Voltage
IN+, IN−
−0.1
VREF + 0.1
V
Common-Mode Input Range
IN+, IN−
0
VREF/2
VREF/2 + 0.1
V
Analog Input CMRR
fIN = 250 kHz
65
dB
Leakage Current at 25°C
Acquisition phase
1
nA
Input Impedance1
THROUGHPUT
Conversion Rate
0
500
kSPS
Transient Response
Full-scale step
400
ns
ACCURACY
No Missing Codes
16
Bits
Integral Linearity Error
−0.65
±0.25
+0.65
LSB
Differential Linearity Error
−0.5
±0.2
+0.5
LSB2
Transition Noise
REF = VDD = 5 V
0.16
LSB
Gain Error3
-30
±1.5
+30
LSB
Gain Error Temperature Drift
±0.5
ppm/°C
Zero Error3
−10
+10
LSB
Zero Temperature Drift
±1
ppm/°C
Power Supply Sensitivity
VDD = 5 V
± 5%
±1
ppm
AC ACCURACY
Dynamic Range
VREF = 5 V
96
96.5
dB4
Signal-to-Noise
fIN = 1 kHz, VREF = 5 V
95.5
96
dB
fIN = 1 kHz, VREF = 2.5 V
93
dB
Spurious-Free Dynamic Range
fIN = 1 kHz, VREF = 5 V
−120
dB
Total Harmonic Distortion
fIN = 1 kHz, VREF = 5 V
−120
dB
Signal-to-(Noise + Distortion)
fIN = 1 kHz, VREF = 5 V
95.5
96
dB
Intermodulation Distortion5
TBD
dB
1 See the Analog Inputs section.
2 LSB means least significant bit. With the ±5 V input range, one LSB is 152.6 μV.
3 See the Terminology section. These specifications include full temperature range variation but not the error contribution from the external reference.
4 All specifications in dB are referred to a full-scale input FSR. Tested with an input signal at 0.5 dB below full scale, unless otherwise specified.
5 fIN1 = 21.4 kHz and fIN2 = 18.9 kHz, with each tone at −7 dB below full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com