Electronic Components Datasheet Search
  English  ▼

X  

AD1986 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1986
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1986 Datasheet HTML 5Page - Analog Devices AD1986 Datasheet HTML 6Page - Analog Devices AD1986 Datasheet HTML 7Page - Analog Devices AD1986 Datasheet HTML 8Page - Analog Devices AD1986 Datasheet HTML 9Page - Analog Devices AD1986 Datasheet HTML 10Page - Analog Devices AD1986 Datasheet HTML 11Page - Analog Devices AD1986 Datasheet HTML 12Page - Analog Devices AD1986 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AD1986
Rev. 0 | Page 9 of 52
AC ’97 TIMING PARAMETERS
Guaranteed over operating temperature range. Refer to the AC ’97 specifications (Revision 2.3, Release 1.0) for further information. The
specification can be downloaded from http://developer.intel.com/ial.scalableplatforms/audio.
RESET
BIT_CLK
tRST_LOW
tRST2CLK
Figure 2. Cold Reset Timing (CODEC is Supplying the BIT_CLK Signal)
Table 14.
Symbol
Parameter
Min
Typ
Max
Unit
tRST_LOW
Recommended During Active (Low) RESET Signal
1.0
µS
tRST2CLK
RESET Inactive (High) to BIT_CLK Active
162.8
400,000
nS
SYNC
BIT_CLK
tSYNC_HIGH
tSYNC2CLK
Figure 3. Warm Reset Timing
Table 15.
Symbol
Parameter
Min
Typ
Max
Unit
tSYNC_HIGH
Sync Active (High) Pulse Width
1.3
µS
tSYNC2CLK
Sync Inactive to BITCLK Startup Delay
162.8
nS
tSETUP2RST
tOFF
Hi-Z
RESET
SDATA_OUT
SYNC
BIT_CLK, EAPD,
SPDIF_OUT,
SDATA_IN,
DIGITAL I/O
re 4. ATE Test Mode
Table 16.
Symbol
Parameter
Min
Typ
Max
Unit
Figu
tSETUP2RST
Setup to RESET Inactive (SYNC, SDATA_OUT)
15
nS
tOFF
Rising Edge of RESET to Hi-Z Delay
25
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com