Electronic Components Datasheet Search
  English  ▼

X  

AD1986 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1986
Description  AC ??7 SoundMAX CODEC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1986 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1986 Datasheet HTML 9Page - Analog Devices AD1986 Datasheet HTML 10Page - Analog Devices AD1986 Datasheet HTML 11Page - Analog Devices AD1986 Datasheet HTML 12Page - Analog Devices AD1986 Datasheet HTML 13Page - Analog Devices AD1986 Datasheet HTML 14Page - Analog Devices AD1986 Datasheet HTML 15Page - Analog Devices AD1986 Datasheet HTML 16Page - Analog Devices AD1986 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD1986
Rev. 0 | Page 13 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTION
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD1986
DVDD
AC97CK
GPO
DVSS
SDATA_OUT
BIT_CLK
DVSS
SDATA_IN
DVDD
SYNC
RESET
PCBEEP
SURR_OUT_R
SURR_OUT_L
AVDD
VREF_OUT (C/LFE)
LFE_OUT
CENTER_OUT
AVSS
VREF_OUT (LINE_IN)
VREF_OUT (MIC_1/2)
VREF_FILT
AVSS
AVDD
48 47 46 45 44
39 38 37
43 42 41 40
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
36
35
34
33
32
31
30
29
28
27
26
25
Figure 9. Pin Configuration
Table 23. Pin Function Descriptions
Mnemonic
Pin Number
Input/Ouput
Description
AC ’97CK
2
I
External Clock In (14.31818 MHz).
SDATA_OUT
5
I
AC Link Serial Data Output. Input Stream.
BIT_CLK
6
O
AC Link Bit Clock. 12.288 MHz Serial Data Clock.
SDATA_IN
8
I/O
AC Link Serial Data Input. Output Stream.
SYNC
10
I
AC Link Frame Sync .
RESET
11
I
AC Link Reset. Master Hardware Reset.
Table 24. Digital Input/Output
Mnemonic
Pin
Number
Input/
Output
Description
S/PDIF_OUT
48
O
S/PDIF Output.
EAPD
47
O
External Amplifier Power-Down Output.
GPO
3
O
General-Purpose Output pin. A digital signal that can be used to control external circuitry.
Table 25. Jack Sense
Mnemonic
Pin Number
Input/Ouput
Description
JACK_SENSE_A
16
I
JackSense 0–3 Input
JACK_SENSE_B
17
I
Jack Sense 4–7 Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com