Electronic Components Datasheet Search
  English  ▼

X  

RYZ024A Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # RYZ024A
Description  LTE Category M1 Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ024A Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button RYZ024A Datasheet HTML 11Page - Renesas Technology Corp RYZ024A Datasheet HTML 12Page - Renesas Technology Corp RYZ024A Datasheet HTML 13Page - Renesas Technology Corp RYZ024A Datasheet HTML 14Page - Renesas Technology Corp RYZ024A Datasheet HTML 15Page - Renesas Technology Corp RYZ024A Datasheet HTML 16Page - Renesas Technology Corp RYZ024A Datasheet HTML 17Page - Renesas Technology Corp RYZ024A Datasheet HTML 18Page - Renesas Technology Corp RYZ024A Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
RYZ024A
Datasheet
R19DS0115EU0101 Rev.1.01
Page 15 of 38
Nov.14.22
RF Output Power
The RYZ024A maximum output power within the recommended operating range (from 2.5 to 5.5 V) is given
in Table 22.
Table 22. RF Max Output Power
Bands
Output Power
All bands
23 dBm ± 1 dB
RF Performance at 2.2V
While it is not recommended to operate the RYZ024A in the range 2.2 to 2.5 V, the RF section will continue
to work normally, albeit with reduced TX output power as shown in Table 23 below.
Table 23. RF Performance at 2.2V compared to 2.5V
Temperature
Sensitivity Loss
Output Power Loss
-30 °C
No loss
1.1 dB
25 °C
No loss
1.1 dB
85 °C
No loss
1.7 dB
Power Supply Dimensioning
This section provides guidance to device manufacturers when designing the power supply or selecting the
battery that will power RYZ024A.
Overview
The current consumption of the RYZ024A peaks before every TX sub-frame as shown in Figure 7. In this
figure, every time division is 50 µs. Around 150 µs from the start, two current peaks can be observed with a
current peak 34% higher than the average current consumption during the 23 dBm TX tone.
Figure 7. Current Consumption in TX Sub-Frame
Peak Current Measuring Method
Renesas recommends the setup represented in Figure 8 for peak current measurement. This setup was
used to record the measurements presented in Table 24.
Notes:
1.
Voltage probes are placed close to module VBAT input.
2.
Voltage probes accuracy is calibrated using a current probe.
3.
A large capacitance Cbatt is placed close to the VBAT pin to simulate a battery and screen the device
from the parasitic inductances of the cables and tracks.
4.
2x22 µF capacitors (Cext) are placed between the voltage probes and the module VBAT input to soften
the current peaks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com