Electronic Components Datasheet Search
  English  ▼

X  

CEP25N55LS Datasheet(PDF) 4 Page - CET-MOS Technology Corp.

Part # CEP25N55LS
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEP25N55LS Datasheet(HTML) 4 Page - CET-MOS Technology Corp.

  CEP25N55LS Datasheet HTML 1Page - CET-MOS Technology Corp. CEP25N55LS Datasheet HTML 2Page - CET-MOS Technology Corp. CEP25N55LS Datasheet HTML 3Page - CET-MOS Technology Corp. CEP25N55LS Datasheet HTML 4Page - CET-MOS Technology Corp. CEP25N55LS Datasheet HTML 5Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Qg, Total Gate Charge (nC)
Figure 7. Gate Charge
VDS, Drain-Source Voltage (V)
Figure 8. Maximum Safe
Operating Area
Figure 10. Switching Test Circuit
Figure 11. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
INVERTED
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
CEP25N55LS/CEB25N55LS
CEF25N55LS
Tj, Junction Temperature ( C)
Figure 9. Breakdown Voltage Variation
VS Temperature
1.3
1.2
1.1
1
0.9
0.8
-50
0
50
100
150
10
1
10
2
10
1
10
0
10
2
10
0
10
3
10ms
1ms
DC
100ms
RDS(ON)Limit
Single Pulse
TC=25 C
TJ=150 C
10
-1
10
8
6
4
2
0
0
8
16
24
40
VDS=400V
ID=11.5A
32



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com