Electronic Components Datasheet Search
  English  ▼

X  

2818C Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 2818C
Description  ADSL Magnetics Lucent WildWire 12V/5V ADSL CPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2818C Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2818C Datasheet HTML 1Page - Bel Fuse Inc. 2818C Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 04.00
ADSL Magnetics
Lucent WildWire 12V/5V ADSL CPE
TM00323
MECHANICAL
2818C
1
5
6
10
0.550
(13.97)
MAX
0.020 (0.508) SQ. TYP
(PHOSPHER BRONZE,
SOLDER COATED
0.098 (2.50)
0.110±0.010
(2.79±0.25)
0.500
(12.70)
MAX
0.525
(13.34)
MAX
0.394
(10.00)
T3-64



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com