Electronic Components Datasheet Search
  English  ▼

X  

2818C Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2818C
Description  ADSL Magnetics Lucent WildWire 12V/5V ADSL CPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2818C Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2818C Datasheet HTML 1Page - Bel Fuse Inc. 2818C Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 04.00
ADSL Magnetics
Lucent WildWire 12V/5V ADSL CPE
TM00323
SCHEMATIC
2818C
•
Designed to meet UL-1950 and IEC 950 safety require-
ments
•
UL file number E150991
•
Operating temperature range: -40° C to +85° C
ELECTRICAL SPECIFICATIONS AT 25° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
1
4
2
5
10
7
9
6
1 : 1
r
e
b
m
u
N
t
r
a
P
e
g
a
k
c
a
P
o
i
t
a
R
s
n
r
u
T
1
%
2
±
e
c
n
a
t
c
u
d
n
I
2
n
i
m
H
m
R
C
D
5
Ω
Ω
Ω
Ω
Ω
x
a
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
3
x
a
m
H
µ
t
c
e
r
i
D
e
c
n
a
t
i
c
a
p
a
C
4
x
a
m
F
p
c
i
r
t
c
e
l
e
i
D
g
n
i
t
a
R
s
m
r
V
)
6
-
0
1
(
:
)
5
-
1
(
5
)
5
-
1
(
5
)
5
-
1
(
)
6
-
0
1
(
)
5
-
1
(
6
)
3
-
1
(
:
)
5
-
2
(
5
n
e
e
w
t
e
b
)
0
1
-
1
(
5
C
8
1
8
2T
H
T1
:
19
2
.
1
-
7
1
.
15
9
.
4
-
5
0
.
45
9
.
4
-
5
0
.
49
5
30
0
5
1
s
m
r
V
1
,
z
H
k
0
2
t
a
d
e
r
u
s
a
e
m
.
1
s
m
r
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
2
s
m
r
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
3
s
m
r
V
1
,
z
H
k
1
d
e
r
u
s
a
e
m
.
4
9
o
t
7
&
4
o
t
2
s
l
a
n
i
m
r
e
t
t
c
e
n
n
o
c
.
5
0
1
&
9
,
7
,
6
t
r
o
h
s
,
9
o
t
7
&
4
o
t
2
s
l
a
n
i
m
r
e
t
t
c
e
n
n
o
c
.
6
T3-63


Similar Part No. - 2818C

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2818 KR-2818 Datasheet
50Kb / 2P
70 MHz bandpass filter
logo
Heyco.
2818 HEYCO-2818 Datasheet
102Kb / 1P
Shorty Bushings
logo
KR Electronics, Inc.
2818-1 KR-2818-1 Datasheet
371Kb / 2P
70 MHz bandpass filter
2818-2 KR-2818-2 Datasheet
371Kb / 2P
70 MHz bandpass filter
logo
TE Connectivity Ltd
281810-1 TEC-281810-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 2818C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6100-40 BEL-0560-6100-40 Datasheet
122Kb / 2P
ADSL Magnetics Lucent
0560-6600-B1 BEL-0560-6600-B1 Datasheet
62Kb / 2P
ADSL Magnetics Lucent WildWire 12V ADSL Full Rate CO
0560-6600-N6 BEL-0560-6600-N6 Datasheet
93Kb / 2P
ADSL Magnetics Lucent
2810F BEL-2810F Datasheet
60Kb / 2P
ADSL Magnetics GlobeSpan RADSL CPE
2810J BEL-2810J Datasheet
59Kb / 2P
ADSL Magnetics GlobeSpan RADSL CPE
S560-6100-85 BEL-S560-6100-85 Datasheet
46Kb / 2P
ADSL Magnetics Lucent
S560-6600-96 BEL-S560-6600-96 Datasheet
62Kb / 2P
ADSL Magnetics Lucent WildWire 5V ADSL CPE
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
ADSL Magnetics GlobeSpan ADSL DMT CPE
logo
Texas Instruments
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
175mA,12V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
350mA,12V ADSL CPE LINE DRIVERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com