Electronic Components Datasheet Search
  English  ▼

X  

HA457 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA457
Description  95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA457 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA457 Datasheet HTML 1Page - Renesas Technology Corp HA457 Datasheet HTML 2Page - Renesas Technology Corp HA457 Datasheet HTML 3Page - Renesas Technology Corp HA457 Datasheet HTML 4Page - Renesas Technology Corp HA457 Datasheet HTML 5Page - Renesas Technology Corp HA457 Datasheet HTML 6Page - Renesas Technology Corp HA457 Datasheet HTML 7Page - Renesas Technology Corp HA457 Datasheet HTML 8Page - Renesas Technology Corp HA457 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN4231 Rev 2.00
Page 1 of 14
August 1999
FN4231
Rev 2.00
August 1999
HA457
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
DATASHEET
The HA457 is an 8 x 8 video crosspoint switch suitable for
high performance video systems. Its high level of integration
significantly reduces component count, board space, and
cost. The crosspoint switch contains a digitally controlled
matrix of 64 fully buffered switches that connect eight video
input signals to any, or all, matrix outputs. Each matrix
output connects to an internal, high-speed (275V/
s), gain of
two buffer capable of driving 150
 to2.5V.
The HA457 will directly drive a double terminated video
cable with some degradation of differential gain and phase.
Applications demanding the best composite video
performance should drive the cable with a unity gain video
buffer, such as the HFA1412 quad buffer (see Figure 7).
This crosspoint’s three-state output capability makes it
feasible to parallel multiple HA457s and form larger switch
matrices.
Features
• Pin Compatible, Cable Driving Upgrade for HA456 and
MAX456
• Fully Buffered Inputs and Outputs (AV = +2)
• Routes Any Input Channel to Any Output Channel
• Switches Standard and High Resolution Video Signals
• Serial or Parallel Digital Interface
• Expandable for Larger Switch Matrices
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 95MHz
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 275V/
s
• Low Crosstalk at 10MHz . . . . . . . . . . . . . . . . . . . . . -55dB
Applications
• Video Switching and Routing
• Security and Video Editing Systems
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HA457CN
0 to 70
44 Ld MQFP
Q44.10x10
HA457CM
0 to 70
44 Ld PLCC
N44.65
HA457 (MQFP)
TOP VIEW
HA457 (PLCC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
28
27
26
25
24
23
22
21
20
19
18
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
A0
IN1
NC
IN2
DGND
NC
IN3
DGND
IN4
EDGE/LEVEL
IN5
OUT2
V-
OUT3
AGND
OUT4
NC
AGND
OUT5
AGND
OUT6
V+
44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
26
25
24
23
22
21
20
19
18
7
8
9
10
11
12
13
14
15
16
17
A0
IN1
NC
IN2
DGND
NC
IN3
DGND
IN4
EDGE/LEVEL
IN5
OUT2
V-
OUT3
AGND
OUT4
NC
AGND
OUT5
AGND
OUT6
V+


Similar Part No. - HA457

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA457 INTERSIL-HA457 Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CM INTERSIL-HA457CM Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
HA457CN INTERSIL-HA457CN Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
More results

Similar Description - HA457

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV.0
logo
Intersil Corporation
HA457 INTERSIL-HA457 Datasheet
175Kb / 14P
95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
8 x 4 Wideband Video Crosspoint Array
20-Dec-04
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
8 x 4 Wideband Video Crosspoint Array
25-Jun-07
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
11.5 Gbps 8 x 8 Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
750 MHz, 8 x 8 Analog Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com