Electronic Components Datasheet Search
  English  ▼

X  

HA457 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA457
Description  95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA457 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA457 Datasheet HTML 6Page - Renesas Technology Corp HA457 Datasheet HTML 7Page - Renesas Technology Corp HA457 Datasheet HTML 8Page - Renesas Technology Corp HA457 Datasheet HTML 9Page - Renesas Technology Corp HA457 Datasheet HTML 10Page - Renesas Technology Corp HA457 Datasheet HTML 11Page - Renesas Technology Corp HA457 Datasheet HTML 12Page - Renesas Technology Corp HA457 Datasheet HTML 13Page - Renesas Technology Corp HA457 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HA457
FN4231 Rev 2.00
Page 13 of 14
August 1999
Metric Plastic Quad Flatpack Packages (MQFP)
D
D1
E E1
-A-
PIN 1
A2 A1
A
12o-16o
12o-16o
0o-7o
0.40
0.016 MIN
L
0o MIN
PLANE
b
0.005/0.009
0.13/0.23
WITH PLATING
BASE METAL
SEATING
0.005/0.007
0.13/0.17
b1
-B-
e
0.008
0.20
A-B
S
D
S
C
M
0.076
0.003
-C-
-D-
-H-
Q44.10x10 (JEDEC MS-022AB ISSUE B)
44 LEAD METRIC PLASTIC QUAD FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.096
-
2.45
-
A1
0.004
0.010
0.10
0.25
-
A2
0.077
0.083
1.95
2.10
-
b
0.012
0.018
0.30
0.45
6
b1
0.012
0.016
0.30
0.40
-
D
0.515
0.524
13.08
13.32
3
D1
0.389
0.399
9.88
10.12
4, 5
E
0.516
0.523
13.10
13.30
3
E1
0.390
0.398
9.90
10.10
4, 5
L
0.029
0.040
0.73
1.03
-
N44
44
7
e
0.032 BSC
0.80 BSC
-
Rev. 2 4/99
NOTES:
1. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
2. All dimensions and tolerances per ANSI Y14.5M-1982.
3. Dimensions D and E to be determined at seating plane
.
4. Dimensions D1 and E1 to be determined at datum plane
.
5. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is 0.25mm (0.010 inch) per side.
6. Dimension b does not include dambar protrusion. Allowable
dambar protrusion shall be 0.08mm (0.003 inch) total.
7. “N” is the number of terminal positions.
-C-
-H-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com