Electronic Components Datasheet Search
  English  ▼

X  

HC5503CB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HC5503CB
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503CB Datasheet(HTML) 4 Page - Renesas Technology Corp

  HC5503CB Datasheet HTML 1Page - Renesas Technology Corp HC5503CB Datasheet HTML 2Page - Renesas Technology Corp HC5503CB Datasheet HTML 3Page - Renesas Technology Corp HC5503CB Datasheet HTML 4Page - Renesas Technology Corp HC5503CB Datasheet HTML 5Page - Renesas Technology Corp HC5503CB Datasheet HTML 6Page - Renesas Technology Corp HC5503CB Datasheet HTML 7Page - Renesas Technology Corp HC5503CB Datasheet HTML 8Page - Renesas Technology Corp HC5503CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 4 of 17
June 2004
Dial Pulse Distortion
(Note 4)
0
-
0.5
ms
Receive Input Impedance
(Note 5)
-
90
-
k
Transmit Output Impedance
(Note 5)
-
10
20
2-Wire Return Loss
Referenced to 600
 +2.16F (Note 4)
SRL LO
-
15.5
-
dB
ERL
-24-
dB
SRL HI
-31-
dB
Longitudinal Balance
1VRMS 200Hz - 3400Hz, (Note 4) IEEE Method
0°C
 TA  75°C
2-Wire Off Hook
53
58
-
dB
2-Wire On Hook
53
58
-
dB
4-Wire Off Hook at 1kHz
50
58
-
dB
Insertion Loss
0dBm Input Level, Referenced 600
2-Wire to 4-Wire at 3.4kHz
VTR to VO
VO is the Output of the Transhybrid
Amplifier
-
0.05
0.2
dB
4-Wire to 2-Wire at 300Hz
-3.8
-4.0
-4.2
dB
Frequency Response
200 - 3400Hz Referenced to Absolute Loss at 1kHz
and 0dBm Signal Level (Note 4)
-
0.02
0.05
dB
Idle Channel Noise,
2-Wire to 4-Wire
-1
5
dBrnC
-
-89
-85
dBm0p
Idle Channel Noise,
4-Wire to 2-Wire
(Note 4)
-
1
5
dBrnC
-
-89
-85
dBm0p
Absolute Delay
(Note 5)
2-Wire to 4-Wire, 4-Wire to 2-Wire
-
-
2
s
Trans Hybrid Loss
Balance Network Set Up for 600
 Termination at
1kHz
30
40
-
dB
Overload Level
VCC = +5V
2-Wire to 4-Wire (On-hook)
2.5
-
-
VPEAK
4-Wire to 2-Wire (Off-hook, RL = 600
3.1
-
-
VPEAK
Level Linearity
At 1kHz, (Note 4) Referenced to 0dBm Level
2-Wire to 4-Wire, 4-Wire to 2-Wire
+3 to -40dBm
-
-
0.05
dB
-40 to -50dBm
-
-
0.1
dB
-50 to -55dBm
-
-
0.3
dB
Electrical Specifications
Unless Otherwise Specified, VBAT = -24V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com