Electronic Components Datasheet Search
  English  ▼

X  

HC5503CB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HC5503CB
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503CB Datasheet(HTML) 1 Page - Renesas Technology Corp

  HC5503CB Datasheet HTML 1Page - Renesas Technology Corp HC5503CB Datasheet HTML 2Page - Renesas Technology Corp HC5503CB Datasheet HTML 3Page - Renesas Technology Corp HC5503CB Datasheet HTML 4Page - Renesas Technology Corp HC5503CB Datasheet HTML 5Page - Renesas Technology Corp HC5503CB Datasheet HTML 6Page - Renesas Technology Corp HC5503CB Datasheet HTML 7Page - Renesas Technology Corp HC5503CB Datasheet HTML 8Page - Renesas Technology Corp HC5503CB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN4344 Rev 5.00
Page 1 of 17
June 2004
FN4344
Rev 5.00
June 2004
HC5503
Low Cost 24V SLIC For PABX/Key Systems
DATASHEET
The Intersil HC5503 low cost SLIC is optimized for use in
small Analog or mixed Analog and Digital Key Telephone
Systems (KTS) or PBX products. The low component count
solution and surface mount package options, enable a small
desktop Key System/PBX product to be achieved. The
internal power dissipation of the end product is minimized by
the low power consumption and minimal power supply
voltage requirements of the HC5503.
The HC5503 integrated solution provides higher quality,
higher reliability and better performance solution than a
transformer, thick film hybrid or discrete analog subscriber
interface design.
The HC5503 is designed in a Dielectrically isolated bipolar
technology and is inherently latch proof and does not require
hot plug or power supply sequencing precautions.
Features
• Wide Operating Battery Range (-21V to -44V)
• Single Additional +5V Supply
• 25mA Short Loop Current Limit
• Ring Relay Driver
• Switch Hook and Ring Trip Detect
• Low On-Hook Power Consumption
• On-Hook Transmission
• ITU-T Longitudinal Balance Performance
• Loop Power Denial Function
• Thermal Protection
• Supports Tip, Ring or Balanced Ringing Schemes
• Low Profile Surface Mount Packaging
• Pin Compatible with Industry Standard HC5504B SLIC
• Pb-free Available
Applications
• Analog Subscriber Line Interfaces in Analog Key Systems
and Digital ISDN PABX Systems
• Related Literature
- AN571, Using Ring Sync with HC-5502A and HC-5504
SLICs
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
HC5503CB
0 to 75
24 Ld SOIC
M24.3
HC5503CBZ (Note)
0 to 75
24 Ld SOIC (Pb-free) M24.3
HC5503CBZ96
(Note)
0 to 75
24 Ld SOIC (Pb-free) M24.3
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
NOT RECOMMENDED FO
R NEW DESIGNS
RECOMMENDED REPLA
CEMENT PART
HC5503PRC


Similar Part No. - HC5503CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5503CB INTERSIL-HC5503CB Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
HC5503CBZ INTERSIL-HC5503CBZ Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
HC5503CBZ96 INTERSIL-HC5503CBZ96 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
More results

Similar Description - HC5503CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
Jan-1995
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
Low Cost 24V SLIC For PABX / Key Systems
June 2004
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
LOW COST SLIC
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
ITU CO/PABX SLIC with Low Power Standby
August 2003
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
LOW COST SLIC
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
ITU CO/PABX SLIC with Low Power Standby
August 2003
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com