Electronic Components Datasheet Search
  English  ▼

X  

AD5378ABCZ1 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5378ABCZ1
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABCZ1 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5378ABCZ1 Datasheet HTML 20Page - Analog Devices AD5378ABCZ1 Datasheet HTML 21Page - Analog Devices AD5378ABCZ1 Datasheet HTML 22Page - Analog Devices AD5378ABCZ1 Datasheet HTML 23Page - Analog Devices AD5378ABCZ1 Datasheet HTML 24Page - Analog Devices AD5378ABCZ1 Datasheet HTML 25Page - Analog Devices AD5378ABCZ1 Datasheet HTML 26Page - Analog Devices AD5378ABCZ1 Datasheet HTML 27Page - Analog Devices AD5378ABCZ1 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD5378
Rev. PrA | Page 26 of 28
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the rated performance. The printed circuit board on
which the AD5378 is mounted should be designed so that the
analog and digital sections are separated and confined to
certain areas of the board. If the AD5378 is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
For supplies with multiple pins (VSS, VDD, VCC), it is recom-
mended to tie these pins together and to decouple each
supply once.
The AD5378 should have ample supply decoupling of 10 µF in
parallel with 0.1 µF on each supply located as close to the
package as possible, ideally right up against the device. The
10 µF capacitors are the tantalum bead type. The 0.1 µF capaci-
tor should have low effective series resistance (ESR) and
effective series inductance (ESI), such as the common ceramic
types that provide a low impedance path to ground at high
frequencies, to handle transient currents due to internal
logic switching.
Digital lines running under the device should be avoided,
because these couple noise onto the device. The analog ground
plane should be allowed to run under the AD5378 to avoid
noise coupling. The power supply lines of the AD5378 should
use as large a trace as possible to provide low impedance paths
and reduce the effects of glitches on the power supply line. Fast
switching digital signals should be shielded with digital ground
to avoid radiating noise to other parts of the board, and should
never be run near the reference inputs. It is essential to mini-
mize noise on all VREF(+) and VREF(−) lines. The VBIAS pin should
be decoupled with a 10 nF capacitor to AGND.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A microstrip technique is by far the best, but not always
possible with a double-sided board. In this technique, the
component side of the board is dedicated to ground plane,
while signal traces are placed on the solder side.
As for all thin packages, care must be taken to avoid flexing the
CSPBGA package and to avoid a point load on the surface of
this package during the assembly process.
POWER-ON
An on-chip power supply monitor makes the AD5378 robust to
power sequencing. The supply monitor powers up the analog
section after (VDD − VSS) is greater than 7 V (typical). The
output buffers power up in CLR mode forced to the DUTGND
potential, even if VCC remains at 0 V. After VSS is applied, the
analog circuitry powers up and the buffered DAC output level
settles linearly within the supply range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com