Electronic Components Datasheet Search
  English  ▼

X  

AD5378ABCZ1 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5378ABCZ1
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5378ABCZ1 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5378ABCZ1 Datasheet HTML 20Page - Analog Devices AD5378ABCZ1 Datasheet HTML 21Page - Analog Devices AD5378ABCZ1 Datasheet HTML 22Page - Analog Devices AD5378ABCZ1 Datasheet HTML 23Page - Analog Devices AD5378ABCZ1 Datasheet HTML 24Page - Analog Devices AD5378ABCZ1 Datasheet HTML 25Page - Analog Devices AD5378ABCZ1 Datasheet HTML 26Page - Analog Devices AD5378ABCZ1 Datasheet HTML 27Page - Analog Devices AD5378ABCZ1 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD5378
Rev. PrA | Page 28 of 28
OUTLINE DIMENSIONS
*COMPLIANT WITH JEDEC STANDARDS MO-192-AAD-1
WITH THE EXCEPTION OF PACKAGE HEIGHT AND BALL DIAMETER.
B
C
D
E
F
G
H
J
K
L
M
A
SEATING
PLANE
DETAIL A
0.75
0.70
0.65
BALL DIAMETER
0.12 MAX
COPLANARITY
1.00 BSC
*0.64 TYP
11.00
BSC SQ
12 11 10 9 8 7 6 5 43 21
1.05
1.00
0.90
A1 CORNER
INDEX AREA
*1.85
1.70
1.55
TOP VIEW
BOTTOM
VIEW
13.00
BSC SQ
BALL A1
INDICATOR
DETAIL A
Figure 23. 108-Lead Chip Scale Ball Grid Array [CSPBGA]
(BC-108-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSBs)
Package Description
Package Option
AD5378ABC
−40°C to +85°C
±3
108-Lead CSPBGA
BC-108-2
AD5378ABCZ1
−40°C to +85°C
±3
108-Lead CSPBGA
BC-108-2
1 Z = Pb-free part.
© 2005 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR05292–0–1/05(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com