Electronic Components Datasheet Search
  English  ▼

X  

HIP2210 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP2210
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2210 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP2210 Datasheet HTML 1Page - Renesas Technology Corp HIP2210 Datasheet HTML 2Page - Renesas Technology Corp HIP2210 Datasheet HTML 3Page - Renesas Technology Corp HIP2210 Datasheet HTML 4Page - Renesas Technology Corp HIP2210 Datasheet HTML 5Page - Renesas Technology Corp HIP2210 Datasheet HTML 6Page - Renesas Technology Corp HIP2210 Datasheet HTML 7Page - Renesas Technology Corp HIP2210 Datasheet HTML 8Page - Renesas Technology Corp HIP2210 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FN9347 Rev.1.01
Page 1 of 27
Jun.23.20
HIP2210, HIP2211
100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input
and Adjustable Dead Time
Datasheet
The HIP2210 and HIP2211 are 100V, 3A source, 4A
sink high-frequency half-bridge NMOS FET drivers.
The HIP2211 features standard HI/LI inputs and is
pin-compatible with popular Renesas bridge drivers
such as the HIP2101 and ISL2111. The HIP2210
features a tri-level PWM input with programmable
dead time. Its wide operating supply range of 6V to
18V and integrated high-side bootstrap diode
supports driving the high-side and low-side NMOS in
100V half-bridge applications.
These drivers feature strong 3A source, 4A sink
drivers with very fast 15ns typical propagation delay
and 2ns typical delay matching, making it optimal for
high-frequency switching applications. VDD and boot
UVLO protects against an undervoltage operation.
The tri-level input of the HIP2210 PWM pin controls
the high-side and low-side drivers with a single pin.
When the PWM input is at logic high, the high-side
bridge FET is turned on and the low-side FET is off.
When the input is at logic low, the low-side bridge FET
is turned on and the high-side FET is turned off. When
the input voltage is in the mid-level state, both the
high-side and low-side bridge FETs are turned off.
The PWM threshold levels are proportional to an
external input reference voltage on the VREF pin,
allowing PWM operation across a 2.7V to 5.5V logic
range.
The HIP2210 is offered in a 10 Ld 4x4mm TDFN
package. The HIP2211 is offered in 8 Ld SOIC, 8 Ld
4x4mm DFN, and 10 Ld 4x4mm TDFN packages.
Related Literature
For a full list of related documents, visit our website:
• HIP2210, HIP2211 device pages
Features
• HIP2211 drop-in replacement for the ISL2111 and
HIP2101 8 Ld SOIC, 8 Ld DFN, and 10 Ld TDFN
packages
•115VDC bootstrap supply maximum voltage
supports 100V on the half-bridge
• 3A source and 4A sink gate drivers for NMOS FETs
• Fast propagation delay and matching: 15ns typical
delay; 2ns typical matching (HIP2211)
• Integrated 0.5Ω typical bootstrap diode
• Wide 6V to 18V operating voltage range
• VDD and boot Undervoltage Lockout (UVLO)
• Robust noise tolerance: wide hysteresis at inputs;
HS pin tolerates up to -10V continuous
• HIP2211: HI/LI inputs 3.3V logic compatible with
VDD voltage tolerance
• HIP2210: Tri-Level PWM input with logic threshold
levels set by external VREF pin from 2.7V to 5.5V
• HIP2210: Programmable dead time prevents
shoot-through; adjustable from 35ns to 350ns with a
single resistor
Applications
• Telecom half-bridge and full-bridge DC/DC
converters
• 3-phase BLDC motor driver; H-Bridge motor driver
• Two-switch forward and active clamp converters
• Multiphase PWM DC/DC controllers
• Class-D amplifiers
Figure 1. HIP2211 HI/LI Input Bridge Driver Typical
Application
Figure 2. HIP2210 PWM Input Bridge Driver Typical
Application
HIP 2211
3
HO
4
HS
VOUT
VSS
2
HB
8
LO
100 V
12V
7
VSS
VCC
PWM
DC/DC
Controller
5
HI
6
LI
1 VDD
HIP2211 Pin-to-Pin Compatible with IS L21 11
EN
HIP2210
10 Ld DFN
HO
HS
VOUT
VSS
HB
LO
100V
12V
VSS
VCC
PWM
Controller
PWM
RDT
VDD
HIP 2210 PWM Input with Programmble Dead Time
VREF


Similar Part No. - HIP2210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2060 INTERSIL-HIP2060 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Renesas Technology Corp
HIP2060 RENESAS-HIP2060 Datasheet
464Kb / 7P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Intersil Corporation
HIP2060AS1 INTERSIL-HIP2060AS1 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Renesas Technology Corp
HIP2060AS1 RENESAS-HIP2060AS1 Datasheet
464Kb / 7P
60V, 10A Half Bridge Power MOSFET Array
April 1998
logo
Intersil Corporation
HIP2060AS2 INTERSIL-HIP2060AS2 Datasheet
59Kb / 8P
60V, 10A Half Bridge Power MOSFET Array
April 1998
More results

Similar Description - HIP2210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2120 INTERSIL-HIP2120 Datasheet
418Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
December 23, 2011
ISL78420 INTERSIL-ISL78420 Datasheet
373Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
September 24, 2012
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL78420ARTBZ-T INTERSIL-ISL78420ARTBZ-T Datasheet
374Kb / 16P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
January 24, 2014
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL78420AVEZ INTERSIL-ISL78420AVEZ Datasheet
608Kb / 18P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
November 6, 2014
logo
Renesas Technology Corp
HIP2120 RENESAS-HIP2120 Datasheet
712Kb / 16P
100V, 2A Peak, High Frequency Half-Bridge Drivers with Adjustable Dead Time Control and PWM Input
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL78420 RENESAS-ISL78420 Datasheet
951Kb / 19P
100V, 2A Peak, Half-Bridge Driver with Tri-Level PWM Input and Adjustable Dead-Time
ISL78424 RENESAS-ISL78424 Datasheet
1Mb / 34P
100V Boot, 4A Peak, Half-Bridge Driver with Single PWM Input and Adaptive Dead Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com