Electronic Components Datasheet Search
  English  ▼

X  

HIP2210 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP2210
Description  100V, 3A Source, 4A Sink, High Frequency Half-Bridge Drivers with HI/LI or Tri-Level PWM Input and Adjustable Dead Time
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2210 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP2210 Datasheet HTML 9Page - Renesas Technology Corp HIP2210 Datasheet HTML 10Page - Renesas Technology Corp HIP2210 Datasheet HTML 11Page - Renesas Technology Corp HIP2210 Datasheet HTML 12Page - Renesas Technology Corp HIP2210 Datasheet HTML 13Page - Renesas Technology Corp HIP2210 Datasheet HTML 14Page - Renesas Technology Corp HIP2210 Datasheet HTML 15Page - Renesas Technology Corp HIP2210 Datasheet HTML 16Page - Renesas Technology Corp HIP2210 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
HIP2210, HIP2211
3. Typical Performance Curves
FN9347 Rev.1.01
Page 13 of 27
Jun.23.20
3.
Typical Performance Curves
Unless otherwise specified, operating conditions at: T = +25°C; VDD = EN = 12V; VSS = HS = 0V; Capacitor from HB to HS pin
CBOOT = 0.22µF; 100kΩ load on LO to VSS and HO to HS.
Figure 8. IDD Quiescent Current (RDT = 1k) vs
Temperature vs VDD
Figure 9. IHB Quiescent Current vs Temperature vs VDD
Figure 10. IDD Disabled Current (RDT = 1k) vs
Temperature vs VDD
Figure 11. IHB Disabled Current (RDT = 1k) vs
Temperature vs VDD
Figure 12. IDD Operating Current (RDT = 10k) vs
Frequency vs VDD
Figure 13. IDD Operating Current (RDT = 10k) vs
Frequency vs Capacitance Load
0
100
200
300
400
500
600
6
8
10
12
14
16
18
VDD (V)
HIP2210 125°C
HIP2211 125°C
HIP2210 25°C
HIP2211 25C
HIP2210 -40°C
HIP2211 -40C
0
50
100
150
200
250
300
350
400
450
6
8
10
12
14
16
18
VDD (V)
125°C
25°C
-40°C
0
50
100
150
200
250
300
350
400
450
6
8
10
12
14
16
18
VDD (V)
125°C
25°C
-40°C
0
50
100
150
200
250
300
350
400
450
6
8
10
12
14
16
18
VDD (V)
125°C
25°C
-40°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
100
1000
Frequency (kHz)
HIP2210 VDD = 6V
HIP2210 VDD = 12V
HIP2210 VDD = 18V
HIP2211 VDD = 6V
HIP2211 VDD = 12V
HIP2211 VDD = 18V
0
20
40
60
80
100
120
140
10
100
1000
Frequency (kHz)
Cload = 1nF
Cload = 4.7nF
Cload = 10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com