Electronic Components Datasheet Search
  English  ▼

X  

HIP6014 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP6014
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6014 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP6014 Datasheet HTML 1Page - Renesas Technology Corp HIP6014 Datasheet HTML 2Page - Renesas Technology Corp HIP6014 Datasheet HTML 3Page - Renesas Technology Corp HIP6014 Datasheet HTML 4Page - Renesas Technology Corp HIP6014 Datasheet HTML 5Page - Renesas Technology Corp HIP6014 Datasheet HTML 6Page - Renesas Technology Corp HIP6014 Datasheet HTML 7Page - Renesas Technology Corp HIP6014 Datasheet HTML 8Page - Renesas Technology Corp HIP6014 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HIP6014
FN4420 Rev.2.00
Page 5 of 12
March 2000
BOOT (Pin 15)
This pin provides bias voltage to the upper MOSFET driver. A
bootstrap circuit may be used to create a BOOT voltage
suitable to drive a standard N-Channel MOSFET.
PGND (Pin 16)
This is the power ground connection. Tie the lower MOSFET
source to this pin.
LGATE (Pin 17)
Connect LGATE to the lower MOSFET gate. This pin provides
the gate drive for the lower MOSFET.
VCC (Pin 18)
Provide a 12V bias supply for the chip to this pin.
OVP (Pin 19)
The OVP pin can be used to drive an external SCR in the
event of an overvoltage condition. Output rising 15% more than
the DAC-set voltage triggers a high output on this pin and
disables PWM gate drive circuitry.
RT (Pin 20)
This pin provides oscillator switching frequency adjustment. By
placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a pull-up resistor (RT) from this pin to
VCC reduces the switching frequency according to the
following equation:
Functional Description
Initialization
The HIP6014 automatically initializes upon receipt of power.
Special sequencing of the input supplies is not necessary. The
Power-On Reset (POR) function continually monitors the input
supply voltages. The POR monitors the bias voltage at the
VCC pin and the input voltage (VIN) on the OCSET pin. The
level on OCSET is equal to VIN less a fixed voltage drop (see
over-current protection). The POR function initiates soft start
operation after both input supply voltages exceed their POR
thresholds. For operation with a single +12V power source, VIN
and VCC are equivalent and the +12V power source must
exceed the rising VCC threshold before POR initiates
operation.
Soft Start
The POR function initiates the soft start sequence. An internal
10
A current source charges an external capacitor (CSS) on the
SS pin to 4V. Soft start clamps the error amplifier output (COMP
pin) and reference input (+ terminal of error amp) to the SS pin
voltage. Figure 3 shows the soft start interval with CSS =0.1F.
Initially the clamp on the error amplifier (COMP pin) controls the
converter’s output voltage. At t1 in Figure 3, the SS voltage
reaches the valley of the oscillator’s triangle wave. The oscillator’s
triangular waveform is compared to the ramping error amplifier
voltage. This generates PHASE pulses of increasing width that
charge the output capacitor(s). This interval of increasing pulse
width continues to t2. With sufficient output voltage, the clamp on
the reference input controls the output voltage. This is the interval
between t2 and t3 in Figure 3. At t3 the SS voltage exceeds the
DACOUT voltage and the output voltage is in regulation. This
method provides a rapid and controlled output voltage rise. The
PGOOD signal toggles ‘high’ when the output voltage (VSEN pin)
is within
5% of DACOUT. The 2% hysteresis built into the power
good comparators prevents PGOOD oscillation due to nominal
output voltage ripple.
Over-Current Protection
The over-current function protects the converter from a shorted
output by using the upper MOSFET’s on-resistance, rDS(ON) to
monitor the current. This method enhances the converter’s
efficiency and reduces cost by eliminating a current sensing
resistor.
The over-current function cycles the soft-start function in a hiccup
mode to provide fault protection. A resistor (ROCSET) programs
the over-current trip level. An internal 200
A current sink develops
a voltage across ROCSET that is referenced to VIN. When the
voltage across the upper MOSFET (also referenced to VIN)
exceeds the voltage across ROCSET, the over-current function
initiates a soft-start sequence. The soft-start function discharges
CSS with a 10A current sink and inhibits PWM operation. The
soft-start function recharges CSS, and PWM operation resumes
with the error amplifier clamped to the SS voltage. Should an
overload occur while recharging CSS, the soft start function
inhibits PWM operation while fully charging CSS to 4V to complete
its cycle. Figure 4 shows this operation with an overload condition.
Note that the inductor current increases to over 15A during the
Fs 200kHz
510
6
RT k

---------------------
+
(RT to GND)
Fs 200kHz
410
7
RT k

---------------------
–
(RT to 12V)
0V
0V
0V
TIME (5ms/DIV.)
SOFT-START
(1V/DIV.)
OUTPUT
(1V/DIV.)
VOLTAGE
t2
t3
PGOOD
(2V/DIV.)
t1
FIGURE 3. SOFT START INTERVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com