Electronic Components Datasheet Search
  English  ▼

X  

HIP6014 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIP6014
Description  Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6014 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIP6014 Datasheet HTML 4Page - Renesas Technology Corp HIP6014 Datasheet HTML 5Page - Renesas Technology Corp HIP6014 Datasheet HTML 6Page - Renesas Technology Corp HIP6014 Datasheet HTML 7Page - Renesas Technology Corp HIP6014 Datasheet HTML 8Page - Renesas Technology Corp HIP6014 Datasheet HTML 9Page - Renesas Technology Corp HIP6014 Datasheet HTML 10Page - Renesas Technology Corp HIP6014 Datasheet HTML 11Page - Renesas Technology Corp HIP6014 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HIP6014
FN4420 Rev.2.00
Page 11 of 12
March 2000
HIP6014 DC-DC Converter Application Circuit
Figure 11 shows an application circuit of a DC-DC Converter
for an Intel Pentium Pro microprocessor. Detailed information
on the circuit, including a complete Bill-of-Materials and circuit
board description, can be found in Application Note AN9672.
Although the Application Note details the HIP6004, the same
evaluation platform can be used to evaluate the HIP6014.
+12V
+VO
PGND
HIP6014
VSEN
RT
FB
COMP
VID0
VID1
VID2
VID3
OVP
SS
PGOOD
D/A
GND
MONITOR
OSC
VCC
C1
L2
CO
0.1
F
2x 1
F
0.1
F
0.1
F
2.2nF
8.2nF
20K
1.33K
3
H
5x 1000
F
9x 1000
F
0.1
F
LGATE
UGATE
OCSET
PHASE
BOOT
15
D1
Q1
Q2
2N6394
1K
1000pF
D2
F1
2K
VIN =
+5V
OR
+12V
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
17
19
20
18
AND
PROTECTION
+
-
+
-
Component Selection Notes:
C0 - C9 - Each 1000F 6.3W VDC, Sanyo MV-GX or Equivalent
C1 - C5 - Each 330F 25W VDC, Sanyo MV-GX or Equivalent
L2 - Core: Micrometals T50-52B; Each Winding: 10 Turns of 16AWG
L1 - Core: Micrometals T50-52; Winding: 5 Turns of 18AWG
D1 - 1N4148 or Equivalent
D2 - 3A, 40V Schottky, Motorola MBR340 or Equivalent
Q1, Q2 - Intersil MOSFET; RFP70N03
FIGURE 11. PENTIUM PRO DC-DC CONVERTER
8
VID4
L1 - 1H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com