Electronic Components Datasheet Search
  English  ▼

X  

ICS843021I Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS843021I
Description  FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843021I Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS843021I Datasheet HTML 1Page - Renesas Technology Corp ICS843021I Datasheet HTML 2Page - Renesas Technology Corp ICS843021I Datasheet HTML 3Page - Renesas Technology Corp ICS843021I Datasheet HTML 4Page - Renesas Technology Corp ICS843021I Datasheet HTML 5Page - Renesas Technology Corp ICS843021I Datasheet HTML 6Page - Renesas Technology Corp ICS843021I Datasheet HTML 7Page - Renesas Technology Corp ICS843021I Datasheet HTML 8Page - Renesas Technology Corp ICS843021I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ICS843021AGI REVISION A MAY 18, 2011
3
©2011 Integrated Device Technology, Inc.
ICS843021I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
Table 4B. LVPECL DC Characteristics, VCC = 3.3V ±10%, VEE = 0V, TA = -40°C to 85°C
NOTE 1: Outputs termination with 50
Ω to V
CC – 2V.
Table 5. Crystal Characteristics
NOTE 1:Input frequency is limited to a range of 22.4MHz – 28MHz due to VCO range.
AC Electrical Characteristics
Table 6. AC Characteristics, VCC = 3.3V ± 10%, VEE = 0V, TA = 0°C to 70°
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Refer to Phase Noise Plot.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCC – 1.4
VCC – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCC – 2.0
VCC – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency; NOTE 1
14
40
MHz
Equivalent Series Resistance (ESR)
50
Ω
Shunt Capacitance
7pF
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
112
140
MHz
tjit(Ø)
RMS Phase Jitter, Random;
NOTE 1
125MHz,
Integration Range: 1.875MHz – 20MHz
0.37
0.65
ps
tR / tF
Output Rise/Fall Time
20% to 80%
250
550
ps
odc
Output Duty Cycle
49
51
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com