Electronic Components Datasheet Search
  English  ▼

X  

ICS843021I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS843021I
Description  FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS843021I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS843021I Datasheet HTML 6Page - Renesas Technology Corp ICS843021I Datasheet HTML 7Page - Renesas Technology Corp ICS843021I Datasheet HTML 8Page - Renesas Technology Corp ICS843021I Datasheet HTML 9Page - Renesas Technology Corp ICS843021I Datasheet HTML 10Page - Renesas Technology Corp ICS843021I Datasheet HTML 11Page - Renesas Technology Corp ICS843021I Datasheet HTML 12Page - Renesas Technology Corp ICS843021I Datasheet HTML 13Page - Renesas Technology Corp ICS843021I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ICS843021AGI REVISION A MAY 18, 2011
10
©2011 Integrated Device Technology, Inc.
ICS843021I Data Sheet
FEMTOCLOCK® CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS843021I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS843021I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC= 3.3V + 10% = 3.63V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.63V * 85mA = 308.6mW
•
Power (outputs)MAX = 30mW/Loaded Output pair
Total Power_MAX (3.63V, with all outputs switching) = 308.6mW + 30mW = 338.6mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming a moderate air
flow of 200 linear feet per minute and a multi-layer board, the appropriate value is 112.4°C/W per Table 7 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.339W * 112.4°C/W = 123.1°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 7. Thermal Resitance θJA for 8 Lead TSSOP, Forced Convection
θ
JA vs. Air Flow
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
112.4°C/W
108.2°C/W
106.0°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com