Electronic Components Datasheet Search
  English  ▼

X  

ICS8432-51 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS8432-51
Description  700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8432-51 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS8432-51 Datasheet HTML 1Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 2Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 3Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 4Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 5Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 6Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 7Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 8Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
3
ICS8432CY-51 REVISION F NOVEMBER 13, 2012
ICS8432-51
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
TABLE 1. PIN DESCRIPTIONS
Number
Name
Type
Description
1
M5
Input
Pullup
M divider inputs. Data latched on LOW-to-HIGH transition
of nP_LOAD input. LVCMOS / LVTTL interface levels.
2, 3, 4,
28, 29,
30, 31, 32
M6, M7, M8,
M0, M1,
M2, M3, M4
Input
Pulldown
5, 6
N0, N1
Input
Pulldown
Determines output divider value as defined in Table 3C,
Function Table. LVCMOS / LVTTL interface levels.
7
nc
Unused
No connect.
8, 16
V
EE
Power
Negative supply pins.
9
TEST
Output
Test output which is ACTIVE in the serial mode of operation. Output
driven LOW in parallel mode. LVCMOS / LVTTL interface levels.
10
V
CC
Power
Core supply pin.
11, 12
FOUT1, nFOUT1
Output
Differential output for the synthesizer. 3.3V LVPECL interface levels.
13
V
CCO
Power
Output supply pin.
14, 15
FOUT0, nFOUT0
Output
Differential output for the synthesizer. 3.3V LVPECL interface levels.
17
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers
are reset causing the true outputs FOUTx to go low and the
inverted outputs nFOUTx to go high. When logic LOW, the internal
dividers and the outputs are enabled. Assertion of MR does not
effect loaded M, N, and T values. LVCMOS / LVTTL interface levels.
18
S_CLOCK
Input
Pulldown
Clocks in serial data present at S_DATA input into the shift register
on the rising edge of S_CLOCK. LVCMOS / LVTTL interface levels.
19
S_DATA
Input
Pulldown
Shift register serial input. Data sampled on the rising edge of
S_CLOCK. LVCMOS / LVTTL interface levels.
20
S_LOAD
Input
Pulldown
Controls transition of data from shift register into the dividers.
LVCMOS / LVTTL interface levels.
21
V
CCA
Power
Analog supply pin.
22
XTAL_SEL
Input
Pullup
Selects between crystal or test inputs as the PLL reference source.
Selects XTAL inputs when HIGH. Selects TEST_CLK when LOW.
LVCMOS / LVTTL interface levels.
23
REF_CLK
Input
Pulldown Referenc clock input. LVCMOS / LVTTL interface levels.
24,
25
XTAL_OUT,
XTAL_IN
Input
Crystal oscillator interface. XTAL_IN is the input.
XTAL_OUT is the output.
26
nP_LOAD
Input
Pulldown
Parallel load input. Determines when data present at M8:M0 is
loaded into M divider, and when data present at N1:N0 sets the
N output divider value. LVCMOS / LVTTL interface levels.
27
VCO_SEL
Input
Pullup
Determines whether synthesizer is in PLL or bypass mode.
LVCMOS / LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
R
PULLDOWN
Input Pulldown Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com