Electronic Components Datasheet Search
  English  ▼

X  

ICS8432-51 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8432-51
Description  700MHZ, CYRSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8432-51 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8432-51 Datasheet HTML 9Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 10Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 11Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 12Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 13Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 14Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 15Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 16Page - Renesas Technology Corp ICS8432-51 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
IDT™ / ICS™ 3.3V LVPECL FREQUENCY SYNTHESIZER
13
ICS8432CY-51 REVISION F NOVEMBER 13, 2012
ICS8432-51
700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
FIGURE 7B. PCB BOARD LAYOUT FOR ICS8432-51
The following component footprints are used in this layout
example:
All the resistors and capacitors are size 0603.
POWER AND GROUNDING
Place the decoupling capacitors C14 and C15, as close as
possible to the power pins. If space allows, placement of the
decoupling capacitor on the component side is preferred. This
can reduce unwanted inductance between the decoupling
capacitor and the power pin caused by the via.
Maximize the power and ground pad sizes and number of vias
capacitors. This can reduce the inductance between the power
and ground planes and the component power and ground pins.
The RC filter consisting of R7, C11, and C16 should be placed
as close to the V
CCA
pin as possible.
CLOCK TRACES AND TERMINATION
Poor signal integrity can degrade the system performance or
cause system failure. In synchronous high-speed digital systems,
the clock signal is less tolerant to poor signal integrity than other
signals. Any ringing on the rising or falling edge or excessive ring
back can cause system failure. The shape of the trace and the
trace delay might be restricted by the available space on the board
and the component location. While routing the traces, the clock
signal traces should be routed first and should be locked prior to
routing other signal traces.
• The differential 50
Ω output traces should have the
same length.
• Avoid sharp angles on the clock trace. Sharp angle
turns cause the characteristic impedance to change on
the transmission lines.
• Keep the clock traces on the same layer. Whenever pos-
sible, avoid placing vias on the clock traces. Placement
of vias on the traces can affect the trace characteristic
impedance and hence degrade signal integrity.
• To prevent cross talk, avoid routing other signal traces in
parallel with the clock traces. If running parallel traces is
unavoidable, allow a separation of at least three trace
widths between the differential clock trace and the other
signal trace.
• Make sure no other signal traces are routed between the
clock trace pair.
• The matching termination resistors should be located as
close to the receiver input pins as possible.
CRYSTAL
The crystal X1 should be located as close as possible to the pins
24 (XTAL_OUT) and 25 (XTAL_IN). The trace length between the
X1 and U1 should be kept to a minimum to avoid unwanted
parasitic inductance and capacitance. Other signal traces should
not be routed near the crystal traces.
C14
C16
C15
VIA
PIN 1
VCCA
TL1, TL21N are 50 Ohm
traces and equal length
C11
R4
TL1
R2
GND
R1
R3
C1
Close to the input
pins of the
receiver
R7
VCC
U1
C2
TL1N
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com