Electronic Components Datasheet Search
  English  ▼

X  

ISF2P1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISF2P1
Description  Intelligent Sensing Framework Version 2.1 for Kinetis Release Notes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ISF2P1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISF2P1 Datasheet HTML 4Page - NXP Semiconductors ISF2P1 Datasheet HTML 5Page - NXP Semiconductors ISF2P1 Datasheet HTML 6Page - NXP Semiconductors ISF2P1 Datasheet HTML 7Page - NXP Semiconductors ISF2P1 Datasheet HTML 8Page - NXP Semiconductors ISF2P1 Datasheet HTML 9Page - NXP Semiconductors ISF2P1 Datasheet HTML 10Page - NXP Semiconductors ISF2P1 Datasheet HTML 11Page - NXP Semiconductors ISF2P1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CPU load
8
ISF2P1_KINETIS_RELEASE_RN, 1.0, 11/2015
Freescale Semiconductor, Inc.
Component
Code size (bytes)
Description
Flash
SRAM
DEC
HEX
DEC
HEX
ISF_Core (Power Manager)
120
78
26
1D
Component
512
200
Task stack space
Optional ISF Components
ISFEmbApp
942
3AE
232
E8
Basic Application
1280
500
Task stack space
Protocol adapter components
ISF_CommChannel_UART
1212
4BC
0
0
Component
Sensor adapter components
ISF_Sensor_Generic_Analog
1488
5D0
29
1D
Analog Sensor
Minimum and maximum ISF configuration sizes
Minimum ISF configuration, including
MQX™ RTOS
19521
4C41
908
38C
This is the minimal
required configuration of
ISF.
Maximum space available for customer
111551
1B3BF
15476
3C74
This is the maximum
memory available to
customers for application
development.
NOTE: Optimization is set to –Os to optimize for code size.
8 CPU load
The computational load imposed on a system by different applications that use ISF components may
be different it is not possible to measure every instance or configuration. To estimate the CPU load
demanded by an application that uses ISF on the KE06Z Freescale Freedom board, the time required
for ISF to process one sensor data sample is used. The measurement of computational load begins
when the ISF Bus Manager (BM) PIT timer generates an interrupt. The measurement stops when the
user-embedded application receives notification that sensor data is available. Key aspects of the
measurement include KDS 3.0 and the following ISF components:
•
DSA Direct, Bus Manager (BM), and the Generic Analog sensor adapter
•
MQXLite RTOS embedded in KDS 3.0 as a Processor Expert component
— The source code was compiled with optimization set for size in order to provide the smallest
code size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com