Electronic Components Datasheet Search
  English  ▼

X  

BAQ800 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BAQ800
Description  AM PIN diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAQ800 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BAQ800 Datasheet HTML 4Page - NXP Semiconductors BAQ800 Datasheet HTML 5Page - NXP Semiconductors BAQ800 Datasheet HTML 6Page - NXP Semiconductors BAQ800 Datasheet HTML 7Page - NXP Semiconductors BAQ800 Datasheet HTML 8Page - NXP Semiconductors BAQ800 Datasheet HTML 9Page - NXP Semiconductors BAQ800 Datasheet HTML 10Page - NXP Semiconductors BAQ800 Datasheet HTML 11Page - NXP Semiconductors BAQ800 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1997 Aug 26
8
Philips Semiconductors
Product specification
AM PIN diode
BAQ800
Fig.15 Charge carrier life time test circuit and definition.
Input impedance of oscilloscope: 1 M
Ω, 22 pF; tr ≤ 7 ns.
Source impedance: 50
Ω; tr ≤ 15 ns.
handbook, full pagewidth
MGG506
10
Ω
10
µF
10 mA
DUT
τ
6
0
10
I
F
(mA)
10%
t
90%
I
R
(mA)
pulse
f = 1 kHz
Fig.16 Diode forward resistance test circuit.
IF (mA)
R1 (
Ω) R2 (kΩ)
0.1
3000
100
1
300
10
10
30
1
handbook, halfpage
MGG507
R1
R2
IF
50
Ω
50
Ω
1
µF
Vin
Vout
100
kHz
11 V
DUT
Fig.17 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com