Electronic Components Datasheet Search
  English  ▼

X  

BAQ800 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAQ800
Description  AM PIN diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAQ800 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAQ800 Datasheet HTML 1Page - NXP Semiconductors BAQ800 Datasheet HTML 2Page - NXP Semiconductors BAQ800 Datasheet HTML 3Page - NXP Semiconductors BAQ800 Datasheet HTML 4Page - NXP Semiconductors BAQ800 Datasheet HTML 5Page - NXP Semiconductors BAQ800 Datasheet HTML 6Page - NXP Semiconductors BAQ800 Datasheet HTML 7Page - NXP Semiconductors BAQ800 Datasheet HTML 8Page - NXP Semiconductors BAQ800 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Aug 26
4
Philips Semiconductors
Product specification
AM PIN diode
BAQ800
GRAPHICAL DATA
DC application.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature.
handbook, halfpage
0
200
1.5
0.5
0
1.0
100
MGG498
Ttp (°C)
IF(AV)
(A)
DC application.
Fig.3
Maximum permissible average forward
current as a function of ambient temperature.
handbook, halfpage
0
200
1.5
0.5
0
1.0
100
MGG499
Tamb (°C)
IF(AV)
(A)
Fig.4
Forward voltage as a function of
forward current; typical values.
Dotted line: Tj = 150 °C.
Solid line: Tj =25 °C.
handbook, halfpage
0
102
103
104
10
1
10−1
10−2
0.4
2.0
0.8
1.2
1.6
MGG500
IF
(mA)
VF (V)
Dotted line: Tj = 150 °C.
Solid line: Tj =25 °C.
Fig.5
Forward voltage as a function of
forward current; maximum values.
handbook, halfpage
0
0.4
2.0
0.8
1.2
1.6
MGG501
VF (V)
102
103
104
10
1
10−1
10−2
IF
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com