Electronic Components Datasheet Search
  English  ▼

X  

OPA206 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA206
Description  OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA206 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA206 Datasheet HTML 13Page - Texas Instruments OPA206 Datasheet HTML 14Page - Texas Instruments OPA206 Datasheet HTML 15Page - Texas Instruments OPA206 Datasheet HTML 16Page - Texas Instruments OPA206 Datasheet HTML 17Page - Texas Instruments OPA206 Datasheet HTML 18Page - Texas Instruments OPA206 Datasheet HTML 19Page - Texas Instruments OPA206 Datasheet HTML 20Page - Texas Instruments OPA206 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, VCM = VOUT = mid-supply, and RL = 10 kΩ (unless otherwise noted)
Time (500 ns/div)
VOUT
VIN
Gain = –1
Figure 6-37. Negative Overload Recovery
Time (uS)
2
3
4
5
6
-3
-2
-1
0
1
2
3
Falling (mV)
Rising (mV)
Figure 6-38. Settling Time
Time (1 µS/Div)
VOUT (V)
VIN (V)
Gain = 1
Figure 6-39. Small-Signal Step Response
Time (1 µS/Div)
VOUT (V)
VIN (V)
Gain = –1
Figure 6-40. Small-Signal Step Response
Time (2 µS/Div)
VIN (V)
VOUT (V)
Gain = 1
Figure 6-41. Large-Signal Step Response
Time (2 µS/Div)
VOUT (V)
VIN (V)
Gain = –1
Figure 6-42. Large-Signal Step Response
www.ti.com
OPA206, OPA2206
SBOSA11D – MARCH 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA206 OPA2206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com