Electronic Components Datasheet Search
  English  ▼

X  

OPA206 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA206
Description  OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA206 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA206 Datasheet HTML 17Page - Texas Instruments OPA206 Datasheet HTML 18Page - Texas Instruments OPA206 Datasheet HTML 19Page - Texas Instruments OPA206 Datasheet HTML 20Page - Texas Instruments OPA206 Datasheet HTML 21Page - Texas Instruments OPA206 Datasheet HTML 22Page - Texas Instruments OPA206 Datasheet HTML 23Page - Texas Instruments OPA206 Datasheet HTML 24Page - Texas Instruments OPA206 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
8.3 Feature Description
8.3.1 Input Overvoltage Protection
The inputs of the OPAx206 are individually protected for voltages up to ±40 V beyond either supply. For
example, a common-mode voltage anywhere between –55 V and +55 V does not cause damage when powered
from ±15-V supplies. Internal circuitry on each input provides low series impedance under normal signal
conditions thus maintaining high performance under normal operating conditions. If the input is overloaded,
the protection circuitry limits the input current to a value of approximately 4.8 mA.
During an input overvoltage condition, current flows through the input protection diodes into the power supplies,
as shown in Figure 8-1. If the power supplies are unable to sink current, then Zener diode clamps (ZD1 and
ZD2) must be placed on the power supplies to provide a current pathway to ground. Figure 8-2 shows that
during an overvoltage condition, the input bias current of the inputs increase.
+VS
-VS
Overvoltage
Protection
IN
Input Transistor
+V
-V
+
±
Input Voltage
Source
ZD1
ZD2
Figure 8-1. OPAx206 Input Overvoltage Current Path
Figure 8-2 shows the input current for input voltages from –55 V to +55 V when the OPAx206 are powered by
±15-V supplies.
www.ti.com
OPA206, OPA2206
SBOSA11D – MARCH 2020 – REVISED MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA206 OPA2206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com