Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS573 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS573
Description  SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS573 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS573 Datasheet HTML 2Page - Texas Instruments SN74HCS573 Datasheet HTML 3Page - Texas Instruments SN74HCS573 Datasheet HTML 4Page - Texas Instruments SN74HCS573 Datasheet HTML 5Page - Texas Instruments SN74HCS573 Datasheet HTML 6Page - Texas Instruments SN74HCS573 Datasheet HTML 7Page - Texas Instruments SN74HCS573 Datasheet HTML 8Page - Texas Instruments SN74HCS573 Datasheet HTML 9Page - Texas Instruments SN74HCS573 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.7 Switching Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted). See Parameter
Measurement Information. CL = 50 pF.
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
MIN
TYP
MAX
UNIT
tt
Transition-time
Any Q
2 V
14.6
19.4
ns
4.5 V
7.7
9.6
6 V
7.4
10.4
tpd
Propogation delay
D
Q
2 V
24.5
33
ns
4.5 V
9.9
14
6 V
9.6
11
LE
Any Q
2 V
24.5
33
4.5 V
9.9
14
6 V
9.6
11
ten
Enable time
OE
Any Q
2 V
15
44
ns
4.5 V
7
22
6 V
6
18
tdis
Disable time
OE
Any Q
2 V
12
30
ns
Any Q
4.5 V
9
20
Any Q
6 V
8
19
6.8 Operating Characteristics
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Cpd
Power dissipation capacitance per gate
No load
20
pF
SN74HCS573
SCLS876A – OCTOBER 2021 – REVISED DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN74HCS573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com