Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS573 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS573
Description  SN74HCS573 Octal Transparent D-Type Latches with Schmitt-Trigger Inputs, 3-State Outputs, and Flow-Through Pinout
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS573 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HCS573 Datasheet HTML 5Page - Texas Instruments SN74HCS573 Datasheet HTML 6Page - Texas Instruments SN74HCS573 Datasheet HTML 7Page - Texas Instruments SN74HCS573 Datasheet HTML 8Page - Texas Instruments SN74HCS573 Datasheet HTML 9Page - Texas Instruments SN74HCS573 Datasheet HTML 10Page - Texas Instruments SN74HCS573 Datasheet HTML 11Page - Texas Instruments SN74HCS573 Datasheet HTML 12Page - Texas Instruments SN74HCS573 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
8 Detailed Description
8.1 Overview
The SN74HCS573 contains eight D-type latches. All inputs include Schmitt-trigger architecture. All channels
share a latch enable (LE) and output enable (OE) input.
When the latch is enabled (LE is high), data is allowed to pass through from the D inputs to the Q outputs.
When the latch is disabled (LE is low), the Q outputs hold the last state they had regardless of changes at the D
inputs.
If the latch enable (LE) input is held low during startup, the output state of all channels is unknown until the latch
enable (LE) input is driven high with valid input signals at all data (D) inputs.
When the outputs are enabled (OE is low), the outputs are actively driving low or high.
When the outputs are disabled (OE is high), the outputs are set into the high-impedance state.
The active low output enable (OE) does not have any impact on the stored state in the latches.
8.2 Functional Block Diagram
D
LE
Q
xD
xQ
One of Eight D-Type Latches
OE
Shared Control Logic
LE
8.3 Feature Description
8.3.1 Balanced CMOS 3-State Outputs
This device includes balanced CMOS 3-State outputs. The three states that these outputs can be in are driving
high, driving low, and high impedance. The term "balanced" indicates that the device can sink and source similar
currents. The drive capability of this device may create fast edges into light loads so routing and load conditions
should be considered to prevent ringing. Additionally, the outputs of this device are capable of driving larger
currents than the device can sustain without being damaged. It is important for the output power of the device
to be limited to avoid damage due to overcurrent. The electrical and thermal limits defined in the Absolute
Maximum Ratings must be followed at all times.
When placed into the high-impedance mode, the output will neither source nor sink current, with the exception of
minor leakage current as defined in the Electrical Characteristics table. In the high-impedance state, the output
voltage is not controlled by the device and is dependent on external factors. If no other drivers are connected
to the node, then this is known as a floating node and the voltage is unknown. A pull-up or pull-down resistor
can be connected to the output to provide a known voltage at the output while it is in the high-impedance state.
The value of the resistor will depend on multiple factors, including parasitic capacitance and power consumption
limitations. Typically, a 10 kΩ resistor can be used to meet these requirements.
Unused 3-state CMOS outputs should be left disconnected.
www.ti.com
SN74HCS573
SCLS876A – OCTOBER 2021 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN74HCS573



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com