Electronic Components Datasheet Search
  English  ▼

X  

HIP6602 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP6602
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP6602 Datasheet HTML 1Page - Renesas Technology Corp HIP6602 Datasheet HTML 2Page - Renesas Technology Corp HIP6602 Datasheet HTML 3Page - Renesas Technology Corp HIP6602 Datasheet HTML 4Page - Renesas Technology Corp HIP6602 Datasheet HTML 5Page - Renesas Technology Corp HIP6602 Datasheet HTML 6Page - Renesas Technology Corp HIP6602 Datasheet HTML 7Page - Renesas Technology Corp HIP6602 Datasheet HTML 8Page - Renesas Technology Corp HIP6602 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HIP6602
FN4838 Rev.1.00
Page 3 of 9
August 2000
Typical Application - 4 Channel Converter Using a HIP6303 and HIP6602 Gate Driver
MAIN
CONTROL
HIP6303
FB
+5V
COMP
PWM1
PWM2
ISEN2
PWM3
PWM4
ISEN4
VSEN
FS/DIS
ISEN1
ISEN3
GND
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
PHASE1
LGATE1
PWM1
PVCC
+5V/12V
VCC
DUAL
DRIVER
HIP6602
BOOT4
UGATE4
PHASE4
LGATE4
BOOT3
UGATE3
PHASE3
LGATE3
PWM3
PVCC
VCC
DUAL
DRIVER
HIP6602
VCC
+VCORE
PWM2
PWM4
EN
VID
PGOOD
+12V
+12V
+12V
+12V
+12V
+5V/12V
+12V
PGND
GND
PGND
GND



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com