Electronic Components Datasheet Search
  English  ▼

X  

HIP6602 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6602
Description  Dual Channel Synchronous-Rectified Buck MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6602 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6602 Datasheet HTML 1Page - Renesas Technology Corp HIP6602 Datasheet HTML 2Page - Renesas Technology Corp HIP6602 Datasheet HTML 3Page - Renesas Technology Corp HIP6602 Datasheet HTML 4Page - Renesas Technology Corp HIP6602 Datasheet HTML 5Page - Renesas Technology Corp HIP6602 Datasheet HTML 6Page - Renesas Technology Corp HIP6602 Datasheet HTML 7Page - Renesas Technology Corp HIP6602 Datasheet HTML 8Page - Renesas Technology Corp HIP6602 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN4838 Rev.1.00
Page 1 of 9
August 2000
FN4838
Rev.1.00
August 2000
HIP6602
Dual Channel Synchronous-Rectified Buck MOSFET Driver
DATASHEET
The HIP6602 is a high frequency, two power channel
MOSFET driver specifically designed to drive four power
N-Channel MOSFETs in a synchronous-rectified buck
converter topology. These drivers combined with a HIP63xx
series of Multi-Phase Buck PWM controller and Intersil’s
UltraFETs® form a complete core voltage regulator solution
for advanced microprocessors.
The HIP6602 drives both upper and lower gates over a
range of 5V to 12V. This drive-voltage flexibility provides the
advantage of optimizing applications involving trade-offs
between switching losses and conduction losses.
The output drivers in the HIP6602 have the capacity to
efficiently switch power MOSFETs at high frequencies. Each
driver is capable of driving a 3000pF load with a 30ns
propagation delay and 50ns transition time. This device
implements bootstrapping on the upper gates with only a
single external capacitor required for each power channel.
This reduces implementation complexity and allows the use
of higher performance, cost effective, N-Channel MOSFETs.
Adaptive shoot-through protection is integrated to prevent
both MOSFETs from conducting simultaneously.
Features
• Drives Four N-channel MOSFETs
• Adaptive Shoot-Through Protection
• Internal Bootstrap Devices
• Supports High Switching Frequency
- Fast Output Rise Time
- Propagation Delay 30ns
• Small 14-Lead SOIC Package
• 5V to 12V Gate-Drive Voltages for Optimal Efficiency
• Three-State Input for Bridge Shutdown
• Supply Under-Voltage Protection
Applications
• Core Voltage Supplies for Intel Pentium® III and AMD®
AthlonTM Microprocessors.
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters
Pinout
HIP6602CB
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(°C)
PACKAGE
PKG. NO.
HIP6602CB
0 to 85
14 Ld SOIC
M14.15
HIP6602CB-T
14 Ld SOIC Tape and Reel
PWM1
PWM2
GND
LGATE1
1
2
3
4
14
13
12
PHASE1
UGATE1
BOOT1
PVCC
1
2
10
9
8
7
6
5
BOOT2
UGATE2
PHASE2
VCC
PGND
LGATE2
11
NOT RECOMMENDED FOR NEW DESIGNS
POSSIBLE SUBSTITUTE PRODUCTS
(ISL66014, ISL6614A, and ISL6614B)


Similar Part No. - HIP6602

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Renesas Technology Corp
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Intersil Corporation
HIP6602ACB INTERSIL-HIP6602ACB Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Renesas Technology Corp
HIP6602ACB RENESAS-HIP6602ACB Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results

Similar Description - HIP6602

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602 Datasheet
166Kb / 8P
DUAL CHANNEL SYNCHRONOUS-RECTIFIED BUCK MOSFET DRIVER
logo
Intersil Corporation
HIP6602B INTERSIL-HIP6602B Datasheet
319Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 22, 2005
HIP6602 INTERSIL-HIP6602 Datasheet
207Kb / 9P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
August 2000
HIP6602A INTERSIL-HIP6602A Datasheet
250Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
logo
Richtek Technology Corp...
RT9602 RICHTEK-RT9602_07 Datasheet
216Kb / 11P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9607 RICHTEK-RT9607 Datasheet
331Kb / 15P
Dual Channel Synchronous-Rectified Buck MOSFET Driver
RT9627A RICHTEK-RT9627A_14 Datasheet
161Kb / 12P
High Voltage Synchronous Rectified Dual-Channel Buck MOSFET Driver
logo
Renesas Technology Corp
HIP6602B RENESAS-HIP6602B Datasheet
608Kb / 12P
Dual Channel Synchronous Rectified Buck MOSFET Driver
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
HIP6602A RENESAS-HIP6602A Datasheet
602Kb / 10P
Dual Channel Synchronous Rectified Buck MOSFET Driver
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com