Electronic Components Datasheet Search
  English  ▼

X  

HMU17 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HMU17
Description  16 x 16-Bit CMOS Parallel Multipliers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMU17 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HMU17 Datasheet HTML 1Page - Renesas Technology Corp HMU17 Datasheet HTML 2Page - Renesas Technology Corp HMU17 Datasheet HTML 3Page - Renesas Technology Corp HMU17 Datasheet HTML 4Page - Renesas Technology Corp HMU17 Datasheet HTML 5Page - Renesas Technology Corp HMU17 Datasheet HTML 6Page - Renesas Technology Corp HMU17 Datasheet HTML 7Page - Renesas Technology Corp HMU17 Datasheet HTML 8Page - Renesas Technology Corp HMU17 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN2803 Rev 4.00
Page 1 of 13
November 1999
FN2803
Rev 4.00
November 1999
HMU16, HMU17
16 x 16-Bit CMOS Parallel Multipliers
DATASHEET
The HMU16 and HMU17 are high speed, low power CMOS
16-bit x 16-bit multipliers ideal for fast, real time digital signal
processing applications.
The X and Y operands along with their mode controls (TCX
and TCY) have 17-bit input registers. The mode controls
independently specify the operands as either two’s
complement or unsigned magnitude format, thereby allowing
mixed mode multiplication operations.
Two 16-bit output registers are provided to hold the most and
least significant halves of the result (MSP and LSP). For
asynchronous output, these registers may be made
transparent through the use of the Feedthrough Control
(FT).
Additional inputs are provided for format adjustment and
rounding. The Format Adjust control (FA) allows the user to
select either a left shifted 31-bit product or a full 32-bit
product, whereas the round control (RND) provides the
capability of rounding the most significant portion of the
result.
The HMU16 has independent clocks (CLKX, CLKY, CLKL,
CLKM) associated with each of these registers to maximize
throughput and simplify bus interfacing. The HMU17 has
only a single clock input (CLK), but makes use of three
register enables (ENX, ENY and ENP). The ENX and ENY
inputs control the X and Y Input Registers, while ENP
controls both the MSP and LSP Output Registers. This
configuration facilitates the use of the HMU17 for
microprogrammed systems.
The two halves of the product may be routed to a single
16-bit three-state output port via a multiplexer, and in
addition, the LSP is connected to the Y-input port through a
separate three-state buffer.
Features
• 16 x 16-Bit Parallel Multiplier with Full 32-Bit Product
• High-Speed (35ns) Clocked Multiply Time
• Low Power Operation
-ICCSB = 500A Maximum
-ICCOP = 7.0mA Maximum at 1MHz
• Supports Two’s Complement, Unsigned Magnitude and
Mixed Mode Multiplication
• HMU16 is Compatible with the AM29516, LMU16,
IDT7216 and the CY7C516
• HMU17 is Compatible with the AM29517, LMU17,
IDT7217 and the CY7C517
• TTL Compatible Inputs/Outputs
• Three-State Outputs
Applications
• Fast Fourier Transform Analysis
• Digital Filtering
• Graphic Display Systems
• Image Processing
• Radar and Sonar
• Speech Synthesis and Recognition
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HMU16JC-35
0 to 70
68 Ld PLCC
N68.95
HMU16JC-45
0 to 70
68 Ld PLCC
N68.95
HMU16GC-35
0 to 70
68 Ld CPGA
G68.B
HMU16GC-45
0 to 70
68 Ld CPGA
G68.B
HMU17JC-35
0 to 70
68 Ld PLCC
N68.95
HMU17JC-45
0 to 70
68 Ld PLCC
N68.95
HMU17GC-35
0 to 70
68 Ld CPGA
G68.B
HMU17GC-45
0 to 70
68 Ld CPGA
G68.B


Similar Part No. - HMU17

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
HMU17 INTERSIL-HMU17 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
HMU17/883 INTERSIL-HMU17/883 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
HMU17883 INTERSIL-HMU17883 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
HMU17GC-35 INTERSIL-HMU17GC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
More results

Similar Description - HMU17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7216L IDT-IDT7216L Datasheet
249Kb / 13P
16 x 16 PARALLEL CMOS MULTIPLIERS
logo
Intersil Corporation
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
April 1997
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
16 x 16-Bit CMOS Parallel Multiplier
April 1997
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
16 x 16-Bit CMOS Parallel Multiplier
1997 10
logo
LOGIC Devices Incorpora...
LMU16 LODEV-LMU16 Datasheet
188Kb / 7P
16 x 16-bit Parallel Multiplier
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
16 x 16-bit Parallel Multiplier
LMU217 LODEV-LMU217 Datasheet
178Kb / 6P
16 x 16-bit Parallel multiplier
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
16 x 16-Bit CMOS Parallel Multipliers
November 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com