Electronic Components Datasheet Search
  English  ▼

X  

HMU17 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HMU17
Description  16 x 16-Bit CMOS Parallel Multipliers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HMU17 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HMU17 Datasheet HTML 5Page - Renesas Technology Corp HMU17 Datasheet HTML 6Page - Renesas Technology Corp HMU17 Datasheet HTML 7Page - Renesas Technology Corp HMU17 Datasheet HTML 8Page - Renesas Technology Corp HMU17 Datasheet HTML 9Page - Renesas Technology Corp HMU17 Datasheet HTML 10Page - Renesas Technology Corp HMU17 Datasheet HTML 11Page - Renesas Technology Corp HMU17 Datasheet HTML 12Page - Renesas Technology Corp HMU17 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FN2803 Rev 4.00
Page 13 of 13
November 1999
HMU16, HMU17
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Plastic Leaded Chip Carrier Packages (PLCC)
NOTES:
1. Controlling dimension: INCH. Converted millimeter dimensions are
not necessarily exact.
2. Dimensions and tolerancing per ANSI Y14.5M-1982.
3. Dimensions D1 and E1 do not include mold protrusions. Allowable
mold protrusion is 0.010 inch (0.25mm) per side. Dimensions D1
and E1 include mold mismatch and are measured at the extreme
material condition at the body parting line.
4. To be measured at seating plane
contact point.
5. Centerline to be determined where center leads exit plastic body.
6. “N” is the number of terminal positions.
-C-
A1
A
SEATING
PLANE
0.020 (0.51)
MIN
VIEW “A”
D2/E2
0.025 (0.64)
0.045 (1.14)
R
0.042 (1.07)
0.056 (1.42)
0.050 (1.27) TP
E
E1
0.042 (1.07)
0.048 (1.22)
PIN (1) IDENTIFIER
CL
D1
D
0.020 (0.51) MAX
3 PLCS
0.026 (0.66)
0.032 (0.81)
0.045 (1.14)
MIN
0.013 (0.33)
0.021 (0.53)
0.025 (0.64)
MIN
VIEW “A” TYP.
0.004 (0.10)
C
-C-
D2/E2
CL
N68.95 (JEDEC MS-018AE ISSUE A)
68 LEAD PLASTIC LEADED CHIP CARRIER PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.165
0.180
4.20
4.57
-
A1
0.090
0.120
2.29
3.04
-
D
0.985
0.995
25.02
25.27
-
D1
0.950
0.958
24.13
24.33
3
D2
0.441
0.469
11.21
11.91
4, 5
E
0.985
0.995
25.02
25.27
-
E1
0.950
0.958
24.13
24.33
3
E2
0.441
0.469
11.21
11.91
4, 5
N68
68
6
Rev. 2 11/97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com