Electronic Components Datasheet Search
  English  ▼

X  

HSP43168VC-45Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HSP43168VC-45Z
Description  Dual FIR Filter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSP43168VC-45Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HSP43168VC-45Z Datasheet HTML 17Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 18Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 19Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 20Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 21Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 22Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 23Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 24Page - Renesas Technology Corp HSP43168VC-45Z Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
HSP43168
FN2808 Rev 12.00
Page 21 of 25
July 27, 2009
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND -0.5V to VCC +0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
5%
Temperature Range, Commercial . . . . . . . . . . . . . . . . 0°C to +70°C
Temperature Range, Industrial. . . . . . . . . . . . . . . . . .-40°C to +85°C
Die Characteristics
Back Side Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V
Number of Transistors or Gates. . . . . . . . . . . . . . . . . . . . . . . . 32529
Thermal Resistance (Typical, Note 2) . . . . . . . . . . . . .
JA (°C/W)
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
33
PLCC Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
24
Maximum Junction Temperature
MQFP and PLCC Packages . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty
NOTE:
2.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Power Supply Current
ICCOP
VCC = Max (Notes 4, 5, 6)
CLK Frequency 33MHz
-
363
mA
Standby Power Supply Current
ICCSB
VCC = Max, Outputs Not Loaded
-
500
µA
Input Leakage Current
II
VCC = Max, Input = 0V or VCC
-10
10
µA
Output Leakage Current
IO
VCC = Max, Input = 0V or VCC
-10
10
µA
Logical One Input Voltage
VIH
VCC = Max
2.0
-
V
Logical Zero Input Voltage
VIL
VCC = Min
-
0.8
V
Logical One Output Voltage
VOH
IOH = -400µA, VCC = Min
2.6
-
V
Logical Zero Output Voltage
VOL
IOL = 2mA, VCC = Min
-
0.4
V
Clock Input High
VIHC
VCC = Max
3.0
-
V
Clock Input Low
VILC
VCC = Min
-
0.8
V
Input Capacitance
CIN
CLK Frequency 1MHz
All measurements referenced
to GND. TA = +25°C, (Note 3)
-12
pF
Output Capacitance
COUT
-12
pF
NOTES:
3. Controlled via design or process parameters and not directly tested. Characterized upon initial design and after major process and/or changes.
4. Power Supply current is proportional to operating frequency. Typical rating for ICCOP is 11mA/MHz.
5. Output load per test load circuit and CL = 40pF.
6. Maximum junction temperature must be considered when operating part at high clock frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com