Electronic Components Datasheet Search
  English  ▼

X  

M66592FP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M66592FP
Description  ASSP (USB2.0 Peripheral Controller)
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66592FP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M66592FP Datasheet HTML 35Page - Renesas Technology Corp M66592FP Datasheet HTML 36Page - Renesas Technology Corp M66592FP Datasheet HTML 37Page - Renesas Technology Corp M66592FP Datasheet HTML 38Page - Renesas Technology Corp M66592FP Datasheet HTML 39Page - Renesas Technology Corp M66592FP Datasheet HTML 40Page - Renesas Technology Corp M66592FP Datasheet HTML 41Page - Renesas Technology Corp M66592FP Datasheet HTML 42Page - Renesas Technology Corp M66592FP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 129 page
background image
M66592F P/W G
Rev 1.00 2004.10.01 page 37 of 125
2.10 Frame number register
Frame number register [FRMNUM]
<Address: 4CH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
OVRN CRCE
SOFRM
FRNM
0
0
-
0
0
0
-
0
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15 OVRN
Overrun / Underrun
0: No error
1: Error issued
R/W(0)
W
2.10.1
14 CRCE
Reception data error
0: No error
1: Error issued
R/W(0)
W
2.10.1
13-12 Nothing is placed here. These should be fixed at “0”.
11 SOFRM
Frame number update interrupt output
mode
0: Interrupt asserted upon SOF reception and
timer interpolation.
1: Interrupt asserted if SOF is damaged or
missing.
R/W
R
2.10.2
3.2.7
*1)
10-0 FRNM
Frame number
The frame number can be confirmed.
R
W
2.10.2
«Note»
*1) Frame number update interrupts are not issued for uSOF packet detection other than “UFRNM=0”.
micro frame number register [UFRMNUM]
<Address: 4EH>
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
UFRNM
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
0
0
-
0
0
0
-
0
0
0
-
0
Bit
Name
Function
S/W
H/W
Note
15-3 Nothing is placed here. These should be fixed at "0".
2-0 UFRNM
micro frame
The micro frame number can be confirmed.
R
W
2.10.2
3.10
*2)
«Note»
*2) When using Full-Speed operation, “000” is normally read with this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com